Electronic Components Datasheet Search
  English  ▼

X  

KAI-2001 Datasheet(PDF) 16 Page - ON Semiconductor

Part # KAI-2001
Description  Interline CCD Image Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-2001 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button KAI-2001 Datasheet HTML 12Page - ON Semiconductor KAI-2001 Datasheet HTML 13Page - ON Semiconductor KAI-2001 Datasheet HTML 14Page - ON Semiconductor KAI-2001 Datasheet HTML 15Page - ON Semiconductor KAI-2001 Datasheet HTML 16Page - ON Semiconductor KAI-2001 Datasheet HTML 17Page - ON Semiconductor KAI-2001 Datasheet HTML 18Page - ON Semiconductor KAI-2001 Datasheet HTML 19Page - ON Semiconductor KAI-2001 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
KAI−2001
www.onsemi.com
16
DEFECT DEFINITIONS
Table 7. DEFECT DEFINITIONS
Description
Definition
Maximum
Temperature(s)
Tested at (
5C)
Notes
Major Dark Field Defective Pixel
Defect
≥ 179 mV
20
27, 40
1
Major Bright Field Defective Pixel
Defect
≥ 15%
20
27, 40
1
Minor Dark Field Defective Pixel
Defect
≥ 57 mV
200
27, 40
Cluster Defect
A group of 2 to 10 contiguous major
defective pixels, but no more than 2 adjacent
defects horizontally.
8
27, 40
1
Column Defect
A group of more than 10 contiguous major
defective pixels along a single column.
0
27, 40
1
1. There will be at least two non-defective pixels separating any two major defective pixels.
Defect Map
The defect map supplied with each sensor is based upon
testing at an ambient (27
°C) temperature. Minor point
defects are not included in the defect map. All defective
pixels are reference to pixel 1, 1 in the defect maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com