Electronic Components Datasheet Search
  English  ▼

X  

LM5037 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5037
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037 Datasheet(HTML) 1 Page - Texas Instruments

  LM5037 Datasheet HTML 1Page - Texas Instruments LM5037 Datasheet HTML 2Page - Texas Instruments LM5037 Datasheet HTML 3Page - Texas Instruments LM5037 Datasheet HTML 4Page - Texas Instruments LM5037 Datasheet HTML 5Page - Texas Instruments LM5037 Datasheet HTML 6Page - Texas Instruments LM5037 Datasheet HTML 7Page - Texas Instruments LM5037 Datasheet HTML 8Page - Texas Instruments LM5037 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
VIN
UVLO
LM5037
REF
RT1/SYNC
VCC
OUTA
OUTB
RAMP
RT2
RES
SS
PGND
CS
COMP
FB
AGND
Isolated
Feedback
VOUT
VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
LM5037 Dual-Mode PWM Controller With Alternating Outputs
1 Features
3 Description
The LM5037 PWM controller contains all the features
1
•
High-Voltage (100-V) Start-up Regulator
necessary
to
implement
balanced
double-ended
•
Alternating Outputs for Double-Ended Topologies
power converter topologies, such as push-pull, half-
•
Current-mode or Feed-forward Voltage-mode
bridge
and
full-bridge.
These
double-ended
Control
topologies allow for higher efficiencies and greater
power densities compared to common single-ended
•
Programmable Maximum Duty Cycle Limit
topologies such as the flyback and forward. The
•
2% Feedback Reference Accuracy
device can be configured for either voltage mode or
•
High Gain-bandwidth Error Amplifier
current
mode
control
with
minimum
external
components. Two alternating gate drive outputs are
•
Programmable Line Undervoltage Lockout (UVLO)
provided, each capable of 1.2-A peak output current.
with Adjustable Hysteresis
The device can be configured to operate directly from
•
Versatile Dual Mode Overcurrent Protection with
the input voltage rail over a wide range of 13 V to
Hiccup Delay Timer
100 V.
•
Programmable Soft-start Time
Additional features include programmable maximum
•
Precision 5-V Reference Output
duty cycle limit, line undervoltage lockout, cycle-by-
•
Current Sense Leading Edge Blanking
cycle current limit and a hiccup mode fault protection
with adjustable timeout delay, soft-start and a 2 MHz
•
Resistor Programmed 2-MHz Capable Oscillator
capable oscillator with synchronization capability,
•
Oscillator Synchronization Capability with Low-
precision reference and thermal shutdown.
Frequency Lockout Protection
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Telecom Power Converters
LM5037
TSSOP (16)
5.00 mm × 4.4 mm
•
Industrial Power Converters
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5037

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM5037 TI1-LM5037 Datasheet
1Mb / 33P
Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM5037MT NSC-LM5037MT Datasheet
479Kb / 24P
Dual-Mode PWM Controller With Alternating Outputs
LM5037MTX NSC-LM5037MTX Datasheet
479Kb / 24P
Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
Dual-Mode PWM Controller With Alternating Outputs
More results

Similar Description - LM5037

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
Dual-Mode PWM Controller With Alternating Outputs
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Texas Instruments
LM25037 TI-LM25037 Datasheet
1Mb / 31P
LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI1-LM25037_14 Datasheet
581Kb / 29P
Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI1-LM25037_16 Datasheet
2Mb / 37P
Dual-Mode PWM Controller With Alternating Outputs
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com