Electronic Components Datasheet Search
  English  ▼

X  

LM5037 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM5037
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5037 Datasheet HTML 17Page - Texas Instruments LM5037 Datasheet HTML 18Page - Texas Instruments LM5037 Datasheet HTML 19Page - Texas Instruments LM5037 Datasheet HTML 20Page - Texas Instruments LM5037 Datasheet HTML 21Page - Texas Instruments LM5037 Datasheet HTML 22Page - Texas Instruments LM5037 Datasheet HTML 23Page - Texas Instruments LM5037 Datasheet HTML 24Page - Texas Instruments LM5037 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
50
VIN
VPWR
0.1 2F
LM5037
LM5037
www.ti.com
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
Device Functional Modes (continued)
Sub-harmonic oscillation is normally characterized by observing alternating wide and narrow duty cycles at the
controller output. Adding an artificial ramp (slope compensation) to the current sense signal eliminates this
potential oscillation. Current mode control is also susceptible to noise and layout considerations. It is
recommended that CFilter and Cslope be placed as close to the IC as possible to avoid any noise pickup and trace
inductance. When the converter is operating at low duty cycles and light load, the primary current amplitude is
small and is susceptible to noise. The artificial ramp, added to avoid sub-harmonic oscillations, provides
additional benefits by improving the noise immunity of the converter.
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Input Supply Voltage (VIN and VCC pins)
The voltage applied to the VIN pin, which may be the same as the system voltage applied to the power
transformer’s primary (VPWR), can vary from 8 V to 100 V. The current into the VIN pin depends primarily on the
gate charge provided by the output drivers, the switching frequency, and any external loads on the VCC and
REF pins. This design uses the filter shown in Figure 20 to suppress transients that may occur at the input
supply. A filter is particularly important when VIN is operated close to the maximum operating rating of the
LM5037.
When power is applied to VIN and the UVLO pin voltage is greater than 0.45 V, the VCC regulator is enabled
and supplies current into an external capacitor connected to the VCC pin. When the voltage on the VCC pin
reaches the regulation point of 7.7 V, the voltage reference (REF) enables. The reference regulation set point is
5 V. The outputs (OUTA and OUTB) enable when the two bias regulators reach their set point and the UVLO pin
potential is greater than 1.25 V. In typical applications, an auxiliary transformer winding connects through a diode
to the VCC pin. In order to shut off the internal start-up regulator, this winding must raise the VCC voltage above
8.1 V.
After the outputs are enabled and the external VCC supply voltage has begun supplying power to the device, the
current into the VIN pin drops below 1 mA. VIN should remain at a voltage equal to or above the VCC voltage to
avoid reverse current through protection diodes.
Figure 20. Input Transient Protection
8.1.2 100-V (or Higher) Input Voltage Applications
For applications where the system input voltage exceeds 100 V or the device power dissipation is of concern, the
LM5037 device can be powered from an external start-up regulator as shown in Figure 21. This configuration
shows the VIN and the VCC pins connected together. The voltage at the VCC and VIN pins must be greater than
8.1 V (> VCCMAX reference voltage) and not exceed 15 V. Use an auxiliary winding to reduce the power
dissipation in the external regulator after the power converter activates. The N-P-N base-emitter reverses
breakdown voltage, which can be as low as 5 V for some transistors. Consider this breakdown voltage when
selecting the transistor.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com