Electronic Components Datasheet Search
  English  ▼

X  

LM5037 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM5037
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5037 Datasheet HTML 12Page - Texas Instruments LM5037 Datasheet HTML 13Page - Texas Instruments LM5037 Datasheet HTML 14Page - Texas Instruments LM5037 Datasheet HTML 15Page - Texas Instruments LM5037 Datasheet HTML 16Page - Texas Instruments LM5037 Datasheet HTML 17Page - Texas Instruments LM5037 Datasheet HTML 18Page - Texas Instruments LM5037 Datasheet HTML 19Page - Texas Instruments LM5037 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Time
CLK
OUTA
OUTB
tON(max)
tOSC
tDEAD
tDEAD
DEAD
OSC
RT1/SYNC
9
1
t
f
R
0.162
10
-
æ
ö
æ
ö
-
ç
÷
ç
÷
ç
÷
è
ø
= ç
÷
´
ç
÷
ç
÷
è
ø
(
)
MAX
OSC
RT2
12
1
D
f
R
5
10-
æ
ö
æ
ö
-
ç
÷
ç
÷
ç
÷
ç
÷
è
ø
= ç
÷
´
ç
÷
ç
÷
è
ø
DEAD
50 ns
t
250 ns
£
£
DEAD
RT2
12
t
R
5
10
-
æ
ö
= ç
÷
´
è
ø
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
Feature Description (continued)
(1)
(2)
(3)
The recommended dead-time range is between 50 ns and 250 ns. Beyond 250 ns, the RRT2 resistance becomes
excessively large, and is prone to noise pickup. Fixed internal delays limit the dead-time to greater than 50 ns.
After the dead-time has been programmed by RT2, the overall oscillator frequency can be set by selecting the
resistor RRT1/SYNC using Equation 4.
(4)
For example, if the desired oscillator frequency is 400 kHz (OUTA and OUTB each switching at 200 kHz) and
desired dead-time is 100 ns, the maximum duty cycle for each output is 96%. The value of RRT1/SYNC is 15 kΩ
and RRT2 is 20 kΩ.
Figure 15. Timing Diagram of OUTA, OUTB and Dead-Time Set by RT2
As shown in Figure 15, the internal clock pulse width is the same as the dead-time set by the RT2 pin. This
dead-time pulse is used to limit the maximum duty cycle for each of the outputs. Also, the discharge FET
connected to the RAMP pin is enabled during the dead-time every clock period. The voltages at both the
RT1/SYNC and RT2 pins are internally regulated to a nominal 2 V. Both the RRT1/SYNC and RRT2 resistors should
be located as close as possible to the device, and connected directly to the pins. Consider the tolerance of the
external resistors and the frequency tolerance indicated in the Electrical Characteristics table when determining
the worst case frequency range.
7.3.11 Synchronization Capability
The LM5037 device can be synchronized to an external clock by applying a narrow ac pulse to the RT1/SYNC
pin. The external clock must be at least 10% higher than the free-running oscillator frequency set by the
RRT1/SYNC and RRT2 resistors. If the external clock frequency is less than the programmed frequency, the device
ignores the synchronizing pulses. The synchronization pulse width at the RT1/SYNC pin must be a minimum of
15 ns wide. The synchronization signal should be coupled into the RT1/SYNC pin through a 100 pF capacitor or
16
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com