Electronic Components Datasheet Search
  English  ▼

X  

LM5037 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5037
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5037 Datasheet HTML 9Page - Texas Instruments LM5037 Datasheet HTML 10Page - Texas Instruments LM5037 Datasheet HTML 11Page - Texas Instruments LM5037 Datasheet HTML 12Page - Texas Instruments LM5037 Datasheet HTML 13Page - Texas Instruments LM5037 Datasheet HTML 14Page - Texas Instruments LM5037 Datasheet HTML 15Page - Texas Instruments LM5037 Datasheet HTML 16Page - Texas Instruments LM5037 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LM5037
www.ti.com
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
Feature Description (continued)
CS filter must be placed very close to the device and connected directly to the CS and AGND pins. If a sense
resistor located in the source of the main MOSFET switch is used for current sensing, a low inductance type of
resistor is required. When designing with a current sense resistor, all the noise sensitive, low power ground
connections should be connected together near the AGND pin, and a single connection should be made to the
power ground (sense resistor ground point).
7.3.5 Soft-Start Sequence
The soft-start circuit allows the regulator to gradually reach a steady state operating point, thereby reducing start-
up stresses and current surges. When bias is supplied to the LM5037, the SS pin capacitor is discharged by an
internal MOSFET. When the UVLO, VCC and REF pins reach their operating thresholds, the SS capacitor is
released and charged with a 100 µA current source. The PWM comparator control voltage at the COMP pin is
clamped to the SS pin voltage by an internal amplifier. When the PWM comparator input reaches 1 V, output
pulses commence with slowly increasing duty cycle. The voltage at the SS pin eventually increases to 5 V, while
the voltage at the PWM comparator increases to the value required for regulation as determined by the voltage
feedback loop.
One method to disable the regulator is to ground the SS pin. This forces the internal PWM control signal to
ground, reducing the output duty cycle quickly to zero. Releasing the SS pin initiates a soft-start sequence and
normal operation resumes. A second shutdown method is discussed in the Thermal Protection section.
7.3.6 PWM Comparator
The pulse width modulation (PWM) comparator compares the voltage ramp signal at the RAMP pin to the loop
error signal. The loop error signal is derived from the internal error amplifier (COMP pin). The resulting control
voltage passes through a 1-V level shift before being applied to the PWM comparator. This comparator is
optimized for speed in order to achieve minimum controllable duty cycles. The common mode input voltage
range of the PWM comparator is from 0 V to 4.3 V.
7.3.7 Modulation Ramp
The voltage at the RAMP pin provides the modulation ramp for the PWM comparator. The PWM comparator
compares the modulation ramp signal at the RAMP pin to the loop error signal to control the output duty cycle.
The modulation ramp can be implemented either as a ramp proportional to input voltage, known as feed-forward
voltage mode control, or as a ramp proportional to the primary current, known as current mode control. The
RAMP pin is reset by an internal FET with an RDS(on) of 5 Ω (typical) at the end of every cycle. The ability to
configure the RAMP pin for either voltage mode or current mode allows the controller to be implemented for the
optimum control method for the selected power stage topology. Configuring RAMP pin is explained below and
the differences between voltage mode control and current mode control in various double-ended topologies is
explained in Application Information section.
7.3.8 Feed-Forward Voltage Mode
An external resistor (RFF) and capacitor (CFF) connected to VIN, AGND, and the RAMP pins is required to create
the PWM ramp signal as shown in Figure 12. It can be seen that the slope of the signal at RAMP varies in
proportion to the input line voltage. This varying slope provides line feed-forward information necessary to
improve line transient response with voltage mode control. The RAMP signal is compared to the error signal by
the pulse width modulator comparator to control the duty cycle of the outputs. With a constant error signal, the
on-time (tON) varies inversely with the input voltage (VIN) to stabilize the Volt-Second product of the transformer
primary. At the end of clock period, an internal FET engages to reset the CFF capacitor. The formulae for RFF and
CFF and component selection criteria are explained in Application and Implementation section. The amplitude of
the signal driving RAMP pin must not exceed the common mode input voltage range of the PWM comparator
(3.3 V) while in normal operation.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com