Electronic Components Datasheet Search
  English  ▼

X  

LM5037 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5037
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5037 Datasheet HTML 15Page - Texas Instruments LM5037 Datasheet HTML 16Page - Texas Instruments LM5037 Datasheet HTML 17Page - Texas Instruments LM5037 Datasheet HTML 18Page - Texas Instruments LM5037 Datasheet HTML 19Page - Texas Instruments LM5037 Datasheet HTML 20Page - Texas Instruments LM5037 Datasheet HTML 21Page - Texas Instruments LM5037 Datasheet HTML 22Page - Texas Instruments LM5037 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
( )
FF
RAMP
OSC
FF
IN min
1
R
V
f
C
ln 1
V
-
=
æ
ö
ç
÷
´
´
-
ç
÷
è
ø
LM5037
www.ti.com
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
Device Functional Modes (continued)
7.4.2 Topology and Control Algorithm Choice
The LM5037 device has all the features required to implement double-ended power converter topologies such as
push-pull, half-bridge and full-bridge with minimum external components. One key feature is the flexibility in
control algorithm selection. For example, the device can be used to implement either voltage mode control or
current mode control. Designers familiar with these topologies recognize that conventionally, current mode
control is used for push-pull and full-bridge topologies while voltage mode control is required for the half-bridge
topology. In limited applications, voltage mode control can be used for push-pull and full-bridge topologies as
well, with special care to maintain flux balance, such as using a dc-blocking capacitor in the primary (full-bridge).
The goal of this section is to illustrate implementation of both current mode control and voltage mode control
using the LM5037 device and aid the designer in the design process.
7.4.3 Voltage Mode Control
An external resistor (RFF) and capacitor (CFF) connected to VIN, AGND, and the RAMP pins is required to create
a saw-tooth modulation ramp signal shown in Figure 18. The slope of the signal at RAMP varies in proportion to
the input line voltage. The varying slope provides line feed-forward information necessary to improve line
transient response with voltage mode control. With a constant error signal, the on-time (tON) varies inversely with
the input voltage (VIN) to stabilize the Volt • Second product of the transformer primary. Using a line feed-forward
ramp for PWM control requires very little change in the voltage regulation loop to compensate for changes in
input voltage, as compared to a fixed slope oscillator ramp. Furthermore, voltage mode control is less susceptible
to noise and does not require leading edge filtering, and is therefore a good choice for wide input range power
converters. Voltage mode control requires a more complicated compensation network, due to the complex-
conjugate poles of the L-C output filter.
In push-pull and full-bridge topologies, any asymmetry in the volt-second product applied to primary in one phase
may not be cancelled by subsequent phase, possibly resulting in a dc current build-up in the transformer, which
pushes the transformer core towards saturation. Special care in the transformer design, such as gapping the
core, or adding ballasting resistance in the primary is required to rectify this imbalance when using voltage mode
control with these topologies. Current mode control naturally corrects for any volt-second asymmetry in the
primary.
The recommended capacitor value range for CFF is 100 pF to 1500 pF. Referring to Figure 18, it can be seen
that value CFF must be small enough such that the capacitor can be discharged within the clock (CLK) pulse
width each cycle. The CLK pulse width is same as the dead-time set by RT2. The minimum possible dead-time
for the device is 50 ns and the internal discharge FET RDS(on) is 5 Ω (typical),
The value of RFF required can be calculated from
(5)
For example, assuming a VRAMP of 1 V at VIN(min) (a good compromise of signal range and noise immunity),
oscillator frequency, fOSC of 250 kHz, VIN(min) of 24 V, and CFF = 270 pF results in a value for RFF of 348 kΩ.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com