Electronic Components Datasheet Search
  English  ▼

X  

LM5037 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5037
Description  LM5037 Dual-Mode PWM Controller With Alternating Outputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5037 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5037 Datasheet HTML 8Page - Texas Instruments LM5037 Datasheet HTML 9Page - Texas Instruments LM5037 Datasheet HTML 10Page - Texas Instruments LM5037 Datasheet HTML 11Page - Texas Instruments LM5037 Datasheet HTML 12Page - Texas Instruments LM5037 Datasheet HTML 13Page - Texas Instruments LM5037 Datasheet HTML 14Page - Texas Instruments LM5037 Datasheet HTML 15Page - Texas Instruments LM5037 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
LM5037
SNVS578D – NOVEMBER 2008 – REVISED MAY 2015
www.ti.com
7.3 Feature Description
7.3.1 High-Voltage Start-Up Regulator
The LM5037 device contains an internal high voltage, start-up regulator that allows the input pin (VIN) to be
connected directly to the supply voltage over a range of 13V to a maximum of 100 V. The regulator input can
withstand transients up to 105 V. The regulator output at VCC (7.7 V) is internally current limited with a minimum
of 45 mA. When the UVLO pin potential is greater than 0.45 V, the VCC regulator is enabled to charge an
external capacitor connected to the VCC pin. The VCC regulator provides power to the voltage reference (REF)
and the gate drivers (OUTA and OUTB). When the voltage on the VCC pin exceeds its undervoltage (VCC UV)
threshold, the internal voltage reference (REF) reaches its regulation set point of 5 V and the UVLO voltage is
greater than 1.25 V, the controller outputs are enabled. The value selected for the VCC capacitor depends on the
total system design, and its start-up characteristics. The recommended range of values for the VCC capacitor
between 0.47 µF and 10 µF.
Powering VCC from an external supply can reduce the internal power dissipation of the device. In typical
applications, an auxiliary transformer winding is connected through a diode to the VCC pin. This winding must
raise the VCC voltage above 8.1 V to shut off the internal start-up regulator. Powering VCC from an auxiliary
winding improves efficiency while reducing the controller’s power dissipation. The VCC UV circuit function
remains in this mode, requiring that VCC never falls below its nominal threshold during the start-up sequence.
The VCC regulator series pass transistor includes a diode between VCC and VIN that should not be forward
biased in normal operation. Therefore the auxiliary VCC voltage should never exceed the VIN voltage.
An external DC bias voltage can be used instead of the internal regulator by connecting the external bias voltage
to both the VCC and the VIN pins. In this particular case, the external bias must be greater than maximum VCC
pin regulation of 8 V and less than the VCC maximum operating voltage rating (15 V).
7.3.2 Reference
The REF pin is the output of a 5-V linear regulator that can be used to bias an opto-coupler transistor and
external housekeeping circuits. The regulator output is internally current limited to 10 mA (typical).
7.3.3 Error Amplifier
An internal high gain error amplifier is provided within the LM5037. The non-inverting amplifier reference is tied to
a 1.25 V reference. In non-isolated applications the power converter output is connected to the FB pin via the
voltage setting resistors and loop compensation is connected between the COMP and FB pins. A typical
gain/phase plot is shown in the Typical Characteristics section.
For most isolated applications the error amplifier function is implemented on the secondary side. Since the
internal error amplifier is configured as an open drain output, it can be disabled by connecting FB to ground. The
internal, 5-k
Ω pull-up resistor connected between the COMP pin and the 5-V reference can be used as the pull-
up for an opto-coupler or other isolation device .
7.3.4 Cycle-By-Cycle Current Limit
The CS pin is to be driven by a signal representative of the transformer primary current. The current sense signal
can be generated by using a sense resistor or a current sense transformer. If the voltage sensed at the CS pin
exceeds 0.25 V, the current sense comparator terminates the output driver pulse. If the high current condition
persists, the controller operates in a cycle-by-cycle current limit mode with duty cycle determined by the current
sense comparator instead of the PWM comparator. Cycle-by-cycle current limiting may eventually trigger the
hiccup mode restart cycle; depending on the configuration of the RES pin (see Overload Protection Timer
section). To suppress noise, a small R-C filter connected to the CS pin and located near the controller is
recommended. An internal, 21-
Ω MOSFET discharges the external current sense filter capacitor at the
conclusion of every cycle. The discharge MOSFET remains on for an additional 65 ns after either OUTA or
OUTB driver switches high to blank leading edge transients in the current sensing circuit. Discharging the CS pin
filter each cycle and blanking leading edge spikes reduces the filtering requirements and improves the current
sense response time. The current sense comparator is very fast and may respond to short duration noise pulses.
Layout considerations are critical for the current sense filter and sense resistor. The capacitor associated with the
12
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5037



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com