Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 6 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 2Page - ON Semiconductor AX5043 Datasheet HTML 3Page - ON Semiconductor AX5043 Datasheet HTML 4Page - ON Semiconductor AX5043 Datasheet HTML 5Page - ON Semiconductor AX5043 Datasheet HTML 6Page - ON Semiconductor AX5043 Datasheet HTML 7Page - ON Semiconductor AX5043 Datasheet HTML 8Page - ON Semiconductor AX5043 Datasheet HTML 9Page - ON Semiconductor AX5043 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
AX5043
www.onsemi.com
6
SPECIFICATIONS
Table 2. ABSOLUTE MAXIMUM RATINGS
Symbol
Description
Condition
Min
Max
Units
VDD_IO
Supply voltage
−0.5
5.5
V
IDD
Supply current
200
mA
Ptot
Total power consumption
800
mW
Pi
Absolute maximum input power at receiver input
ANTP and ANTN
pins in RX mode
10
dBm
II1
DC current into any pin except ANTP, ANTN, ANTP1
−10
10
mA
II2
DC current into pins ANTP, ANTN, ANTP1
−100
100
mA
IO
Output Current
40
mA
Via
Input voltage ANTP, ANTN, ANTP1 pins
−0.5
5.5
V
Input voltage digital pins
−0.5
5.5
V
Ves
Electrostatic handling
HBM
−2000
2000
V
Tamb
Operating temperature
−40
85
°C
Tstg
Storage temperature
−65
150
°C
Tj
Junction Temperature
150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Characteristics
Table 3. SUPPLIES
Symbol
Description
Condition
Min
Typ
Max
Units
TAMB
Operational ambient temperature
−40
27
85
°C
VDD_IO
I/O and voltage regulator supply voltage
1.8
3.0
3.6
V
VBOUT
Brown−out threshold
Note 1
1.3
V
IDSLLEP
Deep Sleep current:
All analog and digital functions are
powered down
PWRMODE = 0x01
50
nA
IPDOWN
Power−down current:
Register file contents preserved
PWRMODE = 0x00
400
nA
IWOR
Wakeup−on−radio mode:
Low power timer and WOR
state−machine are running at 640 Hz
PWRMODE = 0x0B
500
nA
ISTANBY
Standby−current:
All power domains are powered up,
crystal oscillator and references are
running
PWRMODE = 0x05
230
mA
IRX
Current consumption RX
PWRMODE = 0x09
RF Frequency Subsystem:
Internal VCO and internal loop−fiter
868 MHz, datarate 6 kbps
9.5
mA
169 MHz, datarate 6 kbps
6.5
868 MHz, datarate 100 kbps
11
169 MHz, datarate 100 kbps
7.5
1. Digital circuitry is functional down to typically 1 V.
2. Measured with optimized matching networks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com