Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 44 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 39Page - ON Semiconductor AX5043 Datasheet HTML 40Page - ON Semiconductor AX5043 Datasheet HTML 41Page - ON Semiconductor AX5043 Datasheet HTML 42Page - ON Semiconductor AX5043 Datasheet HTML 43Page - ON Semiconductor AX5043 Datasheet HTML 44Page - ON Semiconductor AX5043 Datasheet HTML 45Page - ON Semiconductor AX5043 Datasheet HTML 46Page - ON Semiconductor AX5043 Datasheet HTML 47Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
AX5043
www.onsemi.com
44
QFN28 PACKAGE INFORMATION
Package Outline QFN28 5 mm x 5 mm
Figure 21. Package Outline QFN28 5 mm x 5 mm
NOTES:
1. JEDEC ref MO−220
2. All dimensions are in millimeters
3. Pin 1 is identified by chamfer on corner of exposed die pad
4. Package warp is 0.050 maximum
5. Coplanarity applies to the exposed pad as well as the terminal
6. AWLYYWW is the packaging lot code
7. RoHS
Dimension
Min
Typ
Max
Units
A
0.800 0.850
0.900
mm
AX5043−1
AWLYYWW
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com