Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 8 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 4Page - ON Semiconductor AX5043 Datasheet HTML 5Page - ON Semiconductor AX5043 Datasheet HTML 6Page - ON Semiconductor AX5043 Datasheet HTML 7Page - ON Semiconductor AX5043 Datasheet HTML 8Page - ON Semiconductor AX5043 Datasheet HTML 9Page - ON Semiconductor AX5043 Datasheet HTML 10Page - ON Semiconductor AX5043 Datasheet HTML 11Page - ON Semiconductor AX5043 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
AX5043
www.onsemi.com
8
Table 5. LOGIC
Symbol
Description
Condition
Min
Typ
Max
Units
Digital Inputs
VT+
Schmitt trigger low to high threshold point
1.9
V
VT−
Schmitt trigger high to low threshold point
1.2
V
VIL
Input voltage, low
0.8
V
VIH
Input voltage, high
2.0
V
IL
Input leakage current
−10
10
mA
Rpullup
Pull−up resistors
Pins DATA, DCLK, SYSCLK, IRQ, PWRAMP,
ANTSEL
Pull−ups enabled in
the relevant pin
configuration registers
65
k
W
Digital Outputs
IOH
Output Current, high
VDD_IO = 3 V
VOH = 2.4 V
4
mA
IOL
Output Current, low
VDD_IO = 3 V
VOL = 0.4 V
4
mA
IOZ
Tri−state output leakage current
−10
10
mA
AC Characteristics
Table 6. CRYSTAL OSCILLATOR
Symbol
Description
Condition
Min
Typ
Max
Units
fXTAL
Crystal frequency
Note 1, 2, 3
10
16
50
MHz
gmosc
Oscillator transconductance control range
Self−regulated see note 4
0.2
20
mS
Cosc
Programmable tuning capacitors at pins
CLK16N and CLK16P
XTALCAP = 0x00 default
3
pF
XTALCAP = 0x01
8.5
pF
XTALCAP = 0xFF
40
pF
Cosc−lsb
Programmable tuning capacitors,
increment per LSB of XTALCAP
XTALCAP = 0x01 – 0xFF
0.5
pF
fext
External clock input (TCXO)
Note 2, 3, 5
10
16
50
MHz
RINosc
Input DC impedance
10
k
W
NDIVSYSCLK
Divider ratio fSYSCLK = fXTAL/ NDIVSYSCLK
20
24
210
1. Tolerances and start−up times depend on the crystal used. Depending on the RF frequency and channel spacing the IC must be calibrated
to the exact crystal frequency using the readings of the register TRKFREQ.
2. The choice of crystal oscillator or TCXO frequency depends on the targeted regulatory regime for TX, see separate documentation on
meeting regulatory requirements.
3. To avoid spurious emission, the crystal or TCXO reference frequency should be chosen so that the RF carrier frequency is not an integer
multiple of the crystal or TCXO frequency.
4. The oscillator transconductance is regulated for fastest start−up time during start−up and for lowest power curing steady state oscillation.
This means that values depend on the crystal used.
5. If an external clock or TCXO is used, it should be input via an AC coupling at pin CLK16P with the oscillator powered up and XTALCAP = 0x00.
For detailed TCXO network recommendations depending on the TCXO output swing refer to the AX5043 Application Note: Use with a TCXO
Reference Clock.
Table 7. LOW−POWER OSCILLATOR
Symbol
Description
Condition
Min
Typ
Max
Units
fosc−slow
Oscillator frequency slow mode
LPOSC FAST = 0
No calibration
480
640
800
Hz
Internal calibration vs. crystal
clock has been performed
630
640
650
fosc−fast
Oscillator frequency fast mode
LPOSC FAST = 1
No calibration
7.6
10.2
12.8
kHz
Internal calibration vs. crystal
clock has been performed
9.8
10.2
10.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com