Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 32 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 28Page - ON Semiconductor AX5043 Datasheet HTML 29Page - ON Semiconductor AX5043 Datasheet HTML 30Page - ON Semiconductor AX5043 Datasheet HTML 31Page - ON Semiconductor AX5043 Datasheet HTML 32Page - ON Semiconductor AX5043 Datasheet HTML 33Page - ON Semiconductor AX5043 Datasheet HTML 34Page - ON Semiconductor AX5043 Datasheet HTML 35Page - ON Semiconductor AX5043 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
AX5043
www.onsemi.com
32
Table 28. CONTROL REGISTER MAP
Add
Description
Bit
Reset
Ret
Dir
Name
Add
Description
0
1
2
3
4
5
6
7
Reset
Ret
Dir
Name
Baseband
188
BBTUNE
RW
R
–––01001
–
–
–
BB TUNE
RUN
BBTUNE(3:0)
Baseband Tuning
189
BBOFFSCAP
RW
R
–111–111
–
CAP INT B(2:0)
–
CAP INT A(2:0)
Baseband Offset
Compensation
Capacitors
MAC Layer Parameters
Packet Format
200
PKTADDRCFG
RW
R
001–0000
MSB FIRST
CRC SKIP
FIRST
FEC SYNC
DIS
–
ADDR POS(3:0)
Packet Address Config
201
PKTLENCFG
RW
R
00000000
LEN BITS(3:0
LEN POS(3:0)
Packet Length Config
202
PKTLENOFFSE
T
RW
R
00000000
LEN OFFSET(7:0)
Packet Length Offset
203
PKTMAXLEN
RW
R
00000000
MAX LEN(7:0)
Packet Maximum
Length
204
PKTADDR3
RW
R
00000000
ADDR(31:24)
Packet Address 3
205
PKTADDR2
RW
R
00000000
ADDR(23:16)
Packet Address 2
206
PKTADDR1
RW
R
00000000
ADDR(15:8)
Packet Address 1
207
PKTADDR0
RW
R
00000000
ADDR(7:0)
Packet Address 0
208
PKTADDRMAS
K3
RW
R
00000000
ADDRMASK(31:24)
Packet Address Mask
1
209
PKTADDRMAS
K2
RW
R
00000000
ADDRMASK(23:16)
Packet Address Mask
0
20A
PKTADDRMAS
K1
RW
R
00000000
ADDRMASK(15:8)
Packet Address Mask
1
20B
PKTADDRMAS
K0
RW
R
00000000
ADDRMASK(7:0)
Packet Address Mask
0
Pattern Match
210
MATCH0PAT3
RW
R
00000000
MATCH0PAT(31:24)
Pattern Match Unit 0,
Pattern
211
MATCH0PAT2
RW
R
00000000
MATCH0PAT(23:16)
Pattern Match Unit 0,
Pattern
212
MATCH0PAT1
RW
R
00000000
MATCH0PAT(15:8)
Pattern Match Unit 0,
Pattern
213
MATCH0PAT0
RW
R
00000000
MATCH0PAT(7:0)
Pattern Match Unit 0,
Pattern
214
MATCH0LEN
RW
R
0––00000
MATCH0
RAW
–
–
MATCH0LEN
Pattern Match Unit 0,
Pattern Length
215
MATCH0MIN
RW
R
–––00000
–
–
–
MATCH0MIN
Pattern Match Unit 0,
Minimum Match
216
MATCH0MAX
RW
R
–––11111
–
–
–
MATCH0MAX
Pattern Match Unit 0,
Maximum Match
218
MATCH1PAT1
RW
R
00000000
MATCH1PAT(15:8)
Pattern Match Unit 1,
Pattern
219
MATCH1PAT0
RW
R
00000000
MATCH1PAT(7:0)
Pattern Match Unit 1,
Pattern
21C
MATCH1LEN
RW
R
0–––0000
MATCH1
RAW
–
–
–
MATCH1LEN
Pattern Match Unit 1,
Pattern Length
21D
MATCH1MIN
RW
R
––––0000
–
–
–
–
MATCH1MIN
Pattern Match Unit 1,
Minimum Match
21E
MATCH1MAX
RW
R
––––1111
–
–
–
–
MATCH1MAX
Pattern Match Unit 1,
Maximum Match
Packet Controller
220
TMGTXBOOST
RW
R
00110010
TMGTXBOOSTE
TMGTXBOOSTM
Transmit PLL Boost
Time
221
TMGTXSETTLE
RW
R
00001010
TMGTXSETTLEE
TMGTXSETTLEM
Transmit PLL (post
Boost) Settling Time
223
TMGRXBOOST
RW
R
00110010
TMGRXBOOSTE
TMGRXBOOSTM
Receive PLL Boost
Time
224
TMGRXSETTLE
RW
R
00010100
TMGRXSETTLEE
TMGRXSETTLEM
Receive PLL (post
Boost) Settling Time
225
TMGRXOFFSA
CQ
RW
R
01110011
TMGRXOFFSACQE
TMGRXOFFSACQM
Receive Baseband DC
Offset Acquisition Time
226
TMGRXCOARS
EAGC
RW
R
00111001
TMGRXCOARSEAGCE
TMGRXCOARSEAGCM
Receive Coarse AGC
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com