Electronic Components Datasheet Search
  English  ▼

X  

AX5043 Datasheet(PDF) 9 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 5Page - ON Semiconductor AX5043 Datasheet HTML 6Page - ON Semiconductor AX5043 Datasheet HTML 7Page - ON Semiconductor AX5043 Datasheet HTML 8Page - ON Semiconductor AX5043 Datasheet HTML 9Page - ON Semiconductor AX5043 Datasheet HTML 10Page - ON Semiconductor AX5043 Datasheet HTML 11Page - ON Semiconductor AX5043 Datasheet HTML 12Page - ON Semiconductor AX5043 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
AX5043
www.onsemi.com
9
Table 8. RF FREQUENCY GENERATION SUBSYSTEM (SYNTHESIZER)
Symbol
Description
Condition
Min
Typ
Max
Units
fREF
Reference frequency
The reference frequency must be chosen
so that the RF carrier frequency is not an
integer multiple of the reference frequency
10
16
50
MHz
Dividers
NDIVref
Reference divider ratio range
Controlled directly with register REFDIV
20
23
NDIVm
Main divider ratio range
Controlled indirectly with register FREQ
4.5
66.5
NDIVRF
RF divider range
Controlled directly with register RFDIV
1
2
Charge Pump
ICP
Charge pump current
Programmable in increments of 8.5
mA via
register PLLCPI
8.5
2168
mA
Internal VCO (VCOSEL = 0)
fRF
RF frequency range
RFDIV = 1
400
525
MHz
RFDIV = 0
800
1050
fstep
RF frequency step
RFDIV = 1, fxtal = 16.000000 MHz
0.98
Hz
BW
Synthesizer loop bandwidth
The synthesizer loop bandwidth and
start−up time can be programmed with
registers PLLLOOP and PLLCPI.
For recommendations see the AX5043
Programming Manual, the AX−RadioLab
software and AX5043 Application Notes
on compliance with regulatory regimes.
50
500
kHz
Tstart
Synthesizer start−up time if crystal
oscillator and reference are running
5
25
ms
PN868
Synthesizer phase noise 868 MHz
fREF = 48 MHz
10 kHz offset from carrier
−95
dBc/Hz
1 MHz offset from carrier
−120
PN433
Synthesizer phase noise 433 MHz
fREF = 48 MHz
10 kHz offset from carrier
−105
dBc/Hz
1 MHz offset from carrier
−120
VCO with external inductors (VCOSEL = 1, VCO2INT = 1)
fRFrng_lo
RF frequency range
For choice of Lext values as well as
VCO gains see Figure 3 and
Figure 4
RFDIV = 1
27
262
MHz
fRFrng_hi
RFDIV = 0
54
525
PN169
Synthesizer phase noise 169 MHz
Lext=47 nH (wire wound 0603)
RFDIV = 0, fREF= 16 MHz
Note: phase noises can be
improved with higher fREF
10 kHz from carrier
−97
dBc/Hz
1 MHz from carrier
−115
External VCO (VCOSEL = 1, VCO2INT = 0)
fRF
RF frequency range fully external
VCO
Note: The external VCO frequency needs
to be 2 x fRF
27
1000
MHz
Vamp
Differential input amplitude at L1, L2
terminals
0.7
V
VinL
Input voltage levels at L1, L2
terminals
0
1.8
V
Vctrl
Control voltage range
Available at FILT in external loop filter
mode
0
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com