Electronic Components Datasheet Search
  English  ▼

X  

OPA211-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211-EP
Description  1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA211-EP Datasheet HTML 2Page - Texas Instruments OPA211-EP Datasheet HTML 3Page - Texas Instruments OPA211-EP Datasheet HTML 4Page - Texas Instruments OPA211-EP Datasheet HTML 5Page - Texas Instruments OPA211-EP Datasheet HTML 6Page - Texas Instruments OPA211-EP Datasheet HTML 7Page - Texas Instruments OPA211-EP Datasheet HTML 8Page - Texas Instruments OPA211-EP Datasheet HTML 9Page - Texas Instruments OPA211-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
1000
10000
100000
1000000
125
130
135
140
145
150
Continuous TJ (°C)
OPA211-EP
SBOS638 – JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±2.25V to ±18V (continued)
BOLDFACE limits apply over the specified temperature range, TA = –55°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage Output
VOUT
RL = 10kΩ, AOL ≥ 114dB
(V–) + 0.2
(V+) – 0.2
V
RL = 600Ω, AOL ≥ 110dB
(V–) + 0.6
(V+) – 0.6
V
IO < 15mA, AOL ≥ 110dB
(V–) + 0.6
(V+) – 0.6
V
Short-Circuit Current
ISC
+30/–45
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
pF
Open-Loop Output Impedance
ZO
f = 1MHz
5
Ω
SHUTDOWN
Shutdown Pin Input Voltage
(1)
Device disabled (shutdown)
(V+) – 0.35
V
Device enabled
(V+) – 3
V
Shutdown Pin Leakage Current
1
μA
Turn-On Time
(2)
2
μs
Turn-Off Time
(2)
3
μs
Shutdown Current
Shutdown (disabled)
1
20
μA
POWER SUPPLY
Specified Voltage
VS
±2.25
±18
V
Quiescent Current
IQ
IOUT = 0A
3.6
4.5
mA
(per channel)
Over Temperature
6
mA
TEMPERATURE RANGE
Operating Range
TA
–55
+125
°C
Thermal Resistance
θ JA
200
°C/W
(1)
When disabled, the output assumes a high-impedance state.
(2)
See Typical Characteristic curves, Figure 42 through Figure 44.
A.
See datasheet for absolute maximum and minimum recommended operating conditions.
B.
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
Figure 1. OPA211-EP Wirebond Life Derating Chart
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: OPA211-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com