Electronic Components Datasheet Search
  English  ▼

X  

OPA211-EP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211-EP
Description  1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211-EP Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA211-EP Datasheet HTML 11Page - Texas Instruments OPA211-EP Datasheet HTML 12Page - Texas Instruments OPA211-EP Datasheet HTML 13Page - Texas Instruments OPA211-EP Datasheet HTML 14Page - Texas Instruments OPA211-EP Datasheet HTML 15Page - Texas Instruments OPA211-EP Datasheet HTML 16Page - Texas Instruments OPA211-EP Datasheet HTML 17Page - Texas Instruments OPA211-EP Datasheet HTML 18Page - Texas Instruments OPA211-EP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
IN-
Pre-OutputDriver
OUT
IN+
V-
V+
OPA211-EP
www.ti.com
SBOS638 – JUNE 2012
8 APPLICATION INFORMATION
OPERATING VOLTAGE (continued)
The OPA211 is a unity-gain stable, precision op amp
with very low noise. Applications with noisy or high-
negative output voltage swing. With the OPA211
impedance
power
supplies
require
decoupling
series, power-supply voltages do not need to be
capacitors close to the device pins. In most cases,
equal. For example, the positive supply could be set
0.1
μF capacitors are adequate. Figure 45 shows a
to +25V with the negative supply at –5V or vice-
simplified schematic of the OPA211. This die uses a
versa.
SiGe bipolar process and contains 180 transistors.
The common-mode voltage must be maintained
within
the
specified
range.
In
addition,
key
8.1 OPERATING VOLTAGE
parameters
are
assured
over
the
specified
OPA211 series op amps operate from ±2.25V to
temperature
range,
TA
=
–55°C
to
+125°C.
±18V
supplies
while
maintaining
excellent
Parameters that vary significantly with operating
performance. The OPA211 series can operate with as
voltage or temperature are shown in the Typical
little as +4.5V between the supplies and with up to
Characteristics.
+36V
between
the
supplies.
However,
some
applications
do
not
require
equal
positive
and
Figure 45. OPA211 Simplified Schematic
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: OPA211-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com