Electronic Components Datasheet Search
  English  ▼

X  

OPA211-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211-EP
Description  1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211-EP Datasheet(HTML) 1 Page - Texas Instruments

  OPA211-EP Datasheet HTML 1Page - Texas Instruments OPA211-EP Datasheet HTML 2Page - Texas Instruments OPA211-EP Datasheet HTML 3Page - Texas Instruments OPA211-EP Datasheet HTML 4Page - Texas Instruments OPA211-EP Datasheet HTML 5Page - Texas Instruments OPA211-EP Datasheet HTML 6Page - Texas Instruments OPA211-EP Datasheet HTML 7Page - Texas Instruments OPA211-EP Datasheet HTML 8Page - Texas Instruments OPA211-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
OPA211-EP
SBOS638 – JUNE 2012
1.1nV/
√Hz NOISE, LOW POWER, PRECISION
OPERATIONAL AMPLIFIER
Check for Samples: OPA211-EP
1
1 FEATURES
•
LOW VOLTAGE NOISE: 1.1nV/
√Hz at 1kHz
2 APPLICATIONS
•
INPUT VOLTAGE NOISE:
•
PLL LOOP FILTER
80nVPP (0.1Hz to 10Hz)
•
LOW-NOISE, LOW-POWER SIGNAL
•
THD+N: –136dB (G = 1, f = 1kHz)
PROCESSING
•
OFFSET VOLTAGE: 180
μV (max)
•
16-BIT ADC DRIVERS
•
OFFSET VOLTAGE DRIFT: 0.35
μV/°C (typ)
•
DAC OUTPUT AMPLIFIERS
•
LOW SUPPLY CURRENT: 3.6mA/Ch (typ)
•
ACTIVE FILTERS
•
UNITY-GAIN STABLE
•
LOW-NOISE INSTRUMENTATION AMPS
•
GAIN BANDWIDTH PRODUCT:
•
ULTRASOUND AMPLIFIERS
80MHz (G = 100)
•
PROFESSIONAL AUDIO PREAMPLIFIERS
45MHz (G = 1)
•
LOW-NOISE FREQUENCY SYNTHESIZERS
•
SLEW RATE: 27V/
μs
•
INFRARED DETECTOR AMPLIFIERS
•
16-BIT SETTLING: 700ns
•
HYDROPHONE AMPLIFIERS
•
WIDE SUPPLY RANGE:
•
GEOPHONE AMPLIFIERS
±2.25V to ±18V, +4.5V to +36V
•
MEDICAL
•
RAIL-TO-RAIL OUTPUT
•
OUTPUT CURRENT: 30mA
3 SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
CONTROLLED BASELINE
•
ONE ASSEMBLY/TEST SITE
•
ONE FABRICATION SITE
•
AVAILABLE IN MILITARY (–55°C/125°C)
TEMPERATURE RANGE (1)
•
EXTENDED PRODUCT LIFE CYCLE
•
EXTENDED PRODUCT-CHANGE
NOTIFICATION
•
PRODUCT TRACEABILITY
(1)
Additional temperature ranges available - contact factory
4 DESCRIPTION
The OPA211 series of precision operational amplifiers achieves very low 1.1nV/
√Hz noise density with a supply
current of only 3.6mA. This series also offers rail-to-rail output swing, which maximizes dynamic range.
The extremely low voltage and low current noise, high speed, and wide output swing of the OPA211 series make
these devices an excellent choice as a loop filter amplifier in PLL applications.
In precision data acquisition applications, the OPA211 series of op amps provides 700ns settling time to 16-bit
accuracy throughout 10V output swings. This ac performance, combined with only 125
μV of offset and
0.35
μV/°C of drift over temperature, makes the OPA211 ideal for driving high-precision 16-bit analog-to-digital
converters (ADCs) or buffering the output of high-resolution digital-to-analog converters (DACs).
The OPA211 is specified over a wide dual-power supply range of ±2.25V to ±18V, or for single-supply operation
from +4.5V to +36V.
The OPA211 is available in a small MSOP-8 package. This op amp is specified from TA = –55°C to +125°C.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - OPA211-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211-EP TI1-OPA211-EP Datasheet
592Kb / 23P
1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-EP TI2-OPA211-EP Datasheet
2Mb / 52P
OPAx211 1.1-nv/√Hz Noise, Low Power, Precision Operational Amplifiers
REVISED JANUARY 2020
More results

Similar Description - OPA211-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA211 TI-OPA211 Datasheet
329Kb / 9P
1.1nV/Noise, Low Power, Precision Operational Amplifier in Tiny DFN-8 Package
OPA211 TI-OPA211_08 Datasheet
634Kb / 17P
1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211-EP TI1-OPA211-EP Datasheet
592Kb / 23P
1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
OPA211-HT TI1-OPA211-HT Datasheet
672Kb / 26P
1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA211 TI1-OPA211 Datasheet
1Mb / 37P
1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA211AIDRGR TI1-OPA211AIDRGR Datasheet
1Mb / 37P
1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
OPA2211-HT TI-OPA2211-HT_15 Datasheet
420Kb / 22P
1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
Noise, Low-Power, Precision Operational Amplifier
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com