Electronic Components Datasheet Search
  English  ▼

X  

OPA211-EP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211-EP
Description  1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211-EP Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA211-EP Datasheet HTML 13Page - Texas Instruments OPA211-EP Datasheet HTML 14Page - Texas Instruments OPA211-EP Datasheet HTML 15Page - Texas Instruments OPA211-EP Datasheet HTML 16Page - Texas Instruments OPA211-EP Datasheet HTML 17Page - Texas Instruments OPA211-EP Datasheet HTML 18Page - Texas Instruments OPA211-EP Datasheet HTML 19Page - Texas Instruments OPA211-EP Datasheet HTML 20Page - Texas Instruments OPA211-EP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
OPA211-EP
www.ti.com
SBOS638 – JUNE 2012
BASIC NOISE CALCULATIONS (continued)
TOTAL HARMONIC DISTORTION
MEASUREMENTS (continued)
Figure 48 illustrates both inverting and noninverting
op amp circuit configurations with gain. In circuit
101, thus extending the resolution by 101. Note that
configurations
with
gain,
the
feedback
network
the input signal and load applied to the op amp are
resistors also contribute noise. The current noise of
the same as with conventional feedback without R3.
the op amp reacts with the feedback resistors to
The value of R3 should be kept small to minimize its
create additional noise components. The feedback
effect on the distortion measurements.
resistor values can generally be chosen to make
Validity
of
this
technique
can
be
verified
by
these noise sources negligible. The equations for
duplicating measurements at high gain and/or high
total noise are shown for both configurations.
frequency
where
the
distortion
is
within
the
measurement
capability
of
the
test
equipment.
8.5 TOTAL HARMONIC DISTORTION
Measurements for this data sheet were made with an
MEASUREMENTS
Audio
Precision
System
Two
distortion/noise
analyzer, which greatly simplifies such repetitive
OPA211 series op amps have excellent distortion
measurements. The measurement technique can,
characteristics. THD + Noise is below 0.0002% (G =
however,
be
performed
with
manual
distortion
+1, VOUT = 3VRMS) throughout the audio frequency
measurement instruments.
range, 20Hz to 20kHz, with a 600
Ω load.
The distortion produced by OPA211 series op amps
8.6 SHUTDOWN
is below the measurement limit of many commercially
available distortion analyzers. However, a special test
The shutdown (enable) function of the OPA211 is
circuit illustrated in Figure 49 can be used to extend
referenced to the positive supply voltage of the
the measurement capabilities.
operational amplifier. A valid high disables the op
amp. A valid high is defined as (V+) – 0.35V of the
Op amp distortion can be considered an internal error
positive supply applied to the shutdown pin. A valid
source that can be referred to the input. Figure 49
low is defined as (V+) – 3V below the positive supply
shows a circuit that causes the op amp distortion to
pin. For example, with VCC at ±15V, the device is
be 101 times greater than that normally produced by
enabled at or below 12V. The device is disabled at or
the op amp. The addition of R3 to the otherwise
above 14.65V. If dual or split power supplies are
standard noninverting amplifier configuration alters
used, care should be taken to ensure the valid high
the feedback factor or noise gain of the circuit. The
or valid low input signals are properly referred to the
closed-loop gain is unchanged, but the feedback
positive supply voltage. This pin must be connected
available for error correction is reduced by a factor of
to a valid high or low voltage or driven, and not left
open-circuit. The enable and disable times are
provided in the Typical Characteristics section (see
Figure 42 through Figure 44). When disabled, the
output assumes a high-impedance state.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: OPA211-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com