Electronic Components Datasheet Search
  English  ▼

X  

OPA211-EP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA211-EP
Description  1.1nV/?숰z NOISE, LOW POWER, PRECISION OPERATIONAL AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA211-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA211-EP Datasheet HTML 3Page - Texas Instruments OPA211-EP Datasheet HTML 4Page - Texas Instruments OPA211-EP Datasheet HTML 5Page - Texas Instruments OPA211-EP Datasheet HTML 6Page - Texas Instruments OPA211-EP Datasheet HTML 7Page - Texas Instruments OPA211-EP Datasheet HTML 8Page - Texas Instruments OPA211-EP Datasheet HTML 9Page - Texas Instruments OPA211-EP Datasheet HTML 10Page - Texas Instruments OPA211-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
10
Frequency (Hz)
100k
100
1k
10k
V = ±15V
S
V
= 3.5V
IN
RMS
G = 1
R = 600
L
W
R = 2k
L
W
R = 5k
L
W
10
Frequency (Hz)
100k
100
1k
10k
0.001
0.0001
0.00001
-100
-120
-140
Measurement BW > 500kHz
G = 1
G = 11
G = 1
R = 600
L
W
R = 600
L
W
R = 5k
L
W
V = ±15V
S
V
= 3.5V
IN
RMS
10
Frequency (Hz)
20k
100
1k
10k
0.001
0.0001
0.00001
-100
-120
-140
V = 15V
S
V
= 3V
OUT
RMS
Measurement BW = 80kHz
G = 1
G = 11
G = 1
R = 600
L
W
R = 600
L
W
R = 5k
L
W
0.01
0.1
0.000001
Output Voltage Amplitude (V
)
RMS
100
0.00001
0.1
1
10
0.0001
0.001
0.01
V = 15V
R = 600W
1kHz Signal
S
L
±
-60
-160
-140
-120
-100
-80
G = 1
G = 11
G = -1
Measurement BW = 80kHz
0.1
100
1
Frequency(Hz)
100k
10
1
10
100
1k
10k
0.1
100
10
1
Frequency(Hz)
100k
10
1
100
1k
10k
OPA211-EP
www.ti.com
SBOS638 – JUNE 2012
7 TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±18V, and RL = 10kΩ, unless otherwise noted.
INPUT VOLTAGE NOISE DENSITY
INPUT CURRENT NOISE DENSITY
vs FREQUENCY
vs FREQUENCY
Figure 2.
Figure 3.
THD+N RATIO vs FREQUENCY
THD+N RATIO vs OUTPUT VOLTAGE AMPLITUDE
Figure 4.
Figure 5.
THD+N RATIO vs FREQUENCY
CHANNEL SEPARATION vs FREQUENCY
Figure 6.
Figure 7.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA211-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com