Electronic Components Datasheet Search
  English  ▼

X  

QS7785 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # QS7785
Description  3D 2/4-Channel Stereo Surround Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7785 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  QS7785 Datasheet HTML 1Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 2Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 3Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 4Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
QS7785PF/CF
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
GND = 0V
Recommended Operating Conditions
GND = 0V
37
RIN
I
Right-channel signal input
38
LIN
I
Left-channel signal input
39
BASC2
I
Bass boost left-channel signal input
40
MSC6
I
Mono/stereo conversion filter capacitor 6
41
MSC5
I
Mono/stereo conversion filter capacitor 5
42
MSC4
I
Mono/stereo conversion filter capacitor 4
43
MSC3
I
Mono/stereo conversion filter capacitor 3
44
MSC2
I
Mono/stereo conversion filter capacitor 2
45
MSC1
I
Mono/stereo conversion filter capacitor 1
46
QXCC1
I
QEXPANDER C capacitor 1
47
QXCC2
O
QEXPANDER C capacitor 2
48
QXCC3
I
QEXPANDER C capacitor 3
Parameter
Symbol
Rating
Unit
Supply voltage range (analog)
VCC
−0.3 to 15
V
Supply voltage range (digital)
VDD
−0.3 to 7
V
Input voltage range (analog)
VIANA
−0.3 to VCC + 0.3
V
Input voltage range (digital)
VIDIG
−0.3 to VDD + 0.3
V
I2C signal input voltage (SDA, SCL)
VIOPEN
10
V
Power dissipation
PD
250
mW
Storage temperature range
Tstg
−40 to 125
°C
Parameter
Symbol
Rating
Unit
Supply voltage range (analog)
VCC
5 to 13
V
Supply voltage range (digital)
VDD
4.5 to 5.5
V
Operating temperature range
Topr
−20 to 85
°C
Number
Name
I/O
Description
Parallel
Serial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com