Electronic Components Datasheet Search
  English  ▼

X  

QS7785 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # QS7785
Description  3D 2/4-Channel Stereo Surround Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7785 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  QS7785 Datasheet HTML 1Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 2Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 3Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 4Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
QS7785PF/CF
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
3D 2/4-Channel Stereo Surround Synthesizer
OVERVIEW
The QS7785PF/CF is an audio processor IC that
generates 2, 4, 5-channel stereo surround signals
from 2-channel stereo or mono sources using QSur-
round™ technology developed and licensed by
QSound Labs, Inc.
It can create 2-channel left and right surround effect
signal for front speakers, and a rich enhanced sur-
round signal using front speakers and surround
speakers for 4-channel output. It also features a cen-
ter signal output for clear listening of vocal and
speech signals.
FEATURES
I
Surround signal output for 2-channel front speak-
ers
I
Surround signal output for 4-channel front + sur-
round speakers
I
Center speaker output for voice signals
I
Parallel and 2 serial interfaces for mode control
supported
• QS7785CF: I2C bus 2-wire serial interface
(Data and Clock)
• QS7785PF: 3-wire serial interface (Data, Clock
and Strobe)
I
5 to 13V analog supply
I
4.5 to 5.5V digital supply
I
48-pin QFP package
APPLICATIONS
I
TV, radio and VCRs
I
Car audio
I
Multimedia products
PINOUT (Top view)
QS7785PF
QS7785CF
ORDERING INFORMATION
I2C bus is a registered trademark of Philips Electronics N.V.
Dolby and the double-D symbol are registered trademarks of Dolby Laboratories Licensing Corporation.
38
39
40
41
42
43
44
45
46
47
48
13
14
15
16
17
18
19
20
21
22
23
LIN
BASC2
MSC6
MSC5
MSC4
MSC3
MSC2
MSC1
QXCC1
QXCC2
QXCC3
SLOUT
COUT
CIN
LPC
VREFIN
N.C.
VREFOUT
PSAVE
MUTE
BASS
SUR(SCL)
24
SROUT
37
RIN
QS7785PF
38
39
40
41
42
43
44
45
46
47
48
13
14
15
16
17
18
19
20
21
22
23
LIN
BASC2
MSC6
MSC5
MSC4
MSC3
MSC2
MSC1
QXCC1
QXCC2
QXCC3
SLOUT
COUT
CIN
LPC
VREFIN
N.C.
VREFOUT
PSAVE
MUTE
BASS
SUR(SCL)
24
SROUT
37
RIN
QS7785CF
Device
Package
QS7785PF
48-pin QFP
QS7785CF
48-pin QFP


Similar Part No. - QS7785

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
QS7777 NPC-QS7777 Datasheet
164Kb / 11P
QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
QS7777CF NPC-QS7777CF Datasheet
164Kb / 11P
QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
QS7777PF NPC-QS7777PF Datasheet
164Kb / 11P
QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
QS7779CM NPC-QS7779CM Datasheet
114Kb / 11P
3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
QS7779PM NPC-QS7779PM Datasheet
114Kb / 11P
3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
More results

Similar Description - QS7785

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
SRS 3D SURROUND AUDIO PROCESSOR?
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
SRS Headphone 3D SURROUND PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
logo
Nippon Precision Circui...
QS7779PM NPC-QS7779PM Datasheet
114Kb / 11P
3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
logo
Sanyo Semicon Device
LA2615 SANYO-LA2615 Datasheet
46Kb / 7P
Analog Surround IC Featuring the AViSSTM 3D Surround Algorithm
logo
Sony Corporation
CXA1673M SONY-CXA1673M Datasheet
133Kb / 8P
2 CHANNEL SURROUND
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
3D SURROUND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com