Electronic Components Datasheet Search
  English  ▼

X  

QS7785 Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # QS7785
Description  3D 2/4-Channel Stereo Surround Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7785 Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button QS7785 Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 9Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 10Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 11Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 12Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 13Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 14Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 15Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
QS7785PF/CF
NIPPON PRECISION CIRCUITS—12
Bass Boost
With a signal input connected to BASC1 and
BASC2, a bass boost function can be implemented.
When BASS is HIGH, resistors RA and RB and
capacitor C are connected to form a lowpass filter.
The lowpass filter signal and the original signal
(RIN, LIN) are combined to boost bass frequencies.
.
Bass boost connection (Gb = 6dB, fC = 300Hz)
36
37
RIN
/LIN
To Internal
RB:10k
R2:20k
R1:20k
C:0.15
µF
Close when BASS=H
Open when BASS=L
VREFOUT
BASC1
/BASC2
+
RA=10k
Bass boost frequency response
Gb
0dB
fL
fH
Gain
Freq.
fC
Gb=20 log
RA+RB
R1
()
1+
fC=
1+
RA+RB
R1
2
πC
RA+RB
RA RB
fL=fC 10
fH=fC 10
1+
RA+RB
R1
log
()
1+2
R1
RA+RB
2
−
1
1+
RA+RB
R1
log
()
1+2
R1
RA+RB
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com