Electronic Components Datasheet Search
  English  ▼

X  

QS7785 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # QS7785
Description  3D 2/4-Channel Stereo Surround Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7785 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button QS7785 Datasheet HTML 3Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 4Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 9Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 10Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
QS7785PF/CF
NIPPON PRECISION CIRCUITS—7
Serial Interface Timing
3-wire (QS7785PF) timing
I2C 2-wire (QS7785CF) timing
SCL hold time (I2C)
tHD:STA
QS7785CF
4.0
–
–
µs
SCL setup time (I2C)
tSU:STO
QS7785CF
4.0
–
–
µs
SDA hold time (I2C)
tHD:DAT
QS7785CF
5.0
–
–
µs
SDA setup time (I2C)
tSU:DAT
QS7785CF
250
–
–
ns
SCL clock HIGH-level pulsewidth
(I2C)
tHIGH
QS7785CF
4.0
–
–
µs
SCL clock LOW-level pulsewidth (I2C)
tLOW
QS7785CF
4.7
–
–
µs
SCL rise time (I2C)
tr
QS7785CF
–
–
1000
ns
SCL fall time (I2C)
tf
QS7785CF
–
–
300
ns
Pin
Description
SDA
Data signal. Sets mode settings. See “Operating Modes.”
SCL
Clock signal. Data is read on the rising edge.
STRB
Strobe signal. Mode switches occur on the rising edge of this signal.
Pin
Description
SDA
Data signal. Sets slave address and mode settings. Address value, {1011011}, is shown in the figure above. See “Operating Modes.”
SCL
Clock signal. Data is read on the rising edge.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
SCL
BYP
SP
MONO
AC
STRB
SDA
3
t
4
t
7
t
6
t
1
t
0
t
2
t
SUR
BASS
MUTE
PSAVE
5
t
SCL
BYP
SP
SDA
MONO
AD0
AD6
f
t
r
t
HD:STA
t
SU:STO
t
I C address is {AD6
− AD0} = {1011011}
2
SUR
HIGH
t
LOW
t
SU:DAT
t
HD:DAT
t
AC
BASS
MUTE
PSAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com