Electronic Components Datasheet Search
  English  ▼

X  

QS7785 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # QS7785
Description  3D 2/4-Channel Stereo Surround Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7785 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  QS7785 Datasheet HTML 1Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 2Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 3Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 4Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
QS7785PF/CF
NIPPON PRECISION CIRCUITS—5
DC Characteristics
VCC = 9V, VDD = 5V, GND = 0V, Ta = 25°C
Noise and THD Characteristics
VCC = 9V, VDD = 5V, GND = 0V, Ta = 25°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Analog input impedance
ZAIN1
LIN, RIN
16
20
24
k
Ω
ZAIN2
CIN
8
10
12
Reference voltage output
VREFOUT
–VCC/2
–
V
HIGH-level input voltage
VIH
0.7VDD
––
V
LOW-level input voltage
VIL
–
–
0.3VDD
V
Input leakage current
ILEAK
Digital inputs, VDD input voltage
−3–
3
µA
IILOPD
SDA, SCL, 10V input voltage
−3–
3
LOW-level output voltage
VOL
ACK signal output from SDA, 3mA sink
current
0
–
0.4
V
Supply voltage (analog)
VCC
5
–
13
V
Supply voltage (digital)
VDD
4.5
–
5.5
V
Current consumption (analog)
ICC
–68
mA
Current consumption (digital)
IDD
–
0.3
0.5
mA
Standby current (analog)
ICCSAVE
–
0.1
0.2
mA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Bypass noise voltage
NBYP
BYP = HIGH, SUR = MONO = SP = LOW,
“A”-wgt, FLOUT, FROUT
–10
20
µVRMS
Qsurround noise voltage (front)
NQSF
SUR = SP = HIGH, BYP = MONO = LOW,
“A”-wgt, FLOUT, FROUT
–20
40
µVRMS
Qsurround noise voltage (surround)
NQSR
SUR = SP = HIGH, BYP = MONO = LOW,
“A”-wgt, SLOUT, SROUT
–15
30
µVRMS
Bypass total harmonic distortion
THDB
BYP = SUR = HIGH, MONO = SP = LOW,
LIN = RIN = 1VRMS, f = 1kHz, FLOUT,
FROUT, SLOUT, SROUT
–
–
0.1
%
Qsurround mono total harmonic
distortion
THDQM
BYP = LOW, SUR = MONO = SP = HIGH,
LIN = RIN = 1VRMS, f = 1kHz, FLOUT,
FROUT, SLOUT, SROUT
–
–
0.1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com