Electronic Components Datasheet Search
  English  ▼

X  

QS7785 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # QS7785
Description  3D 2/4-Channel Stereo Surround Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7785 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button QS7785 Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 9Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 10Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 11Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 12Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
QS7785PF/CF
NIPPON PRECISION CIRCUITS—9
In output modes 9 to 11, the input stereo signal is
output to the speakers without processing. The
bypass function works for both stereo and mono
input signals, and is used to listen to the original sig-
nals. In mode 9, the stereo signal is output on front
speakers only. In mode 10, the stereo signal is output
on both front and surround speakers. In mode 11, the
stereo signal is output on surround speakers only.
In output mode 12, the input stereo signal is output
on front speakers, and a surround effect enhanced
signal is output on the surround speakers.
Center signal output
The center signal is output on COUT. See “Center Control.”
Bass boost mode
The bass boost function is used to enhance the bass frequency component. See “Bass Boost.”
Mute and power save
When PSAVE is HIGH, the analog stages of the
device are turned OFF to save power. When MUTE
is HIGH, all outputs are muted.
Control pins/SDA signal1
1. – (dash) = no output signal.
× = indicates don’t care.
1 = HIGH, 0 = LOW
Output signal
BYP
MONO
SUR
SP
AC
COUT
××××
0–
××××
1
(RIN + LIN) / 2
Control pins/SDA signal1
1.
× = indicates don’t care.
1 = HIGH, 0 = LOW
Output signal
BYP
MONO
SUR
SP
AC
BASS
FROUT/FLOUT
SROUT/SLOUT
COUT
×××××
0
Bass boost OFF
Bass boost OFF
Bass boost OFF
×××××
1
Bass boost ON
Bass boost ON
Bass boost ON
Control pins/SDA signal1
1. – (dash) = no output signal.
× = indicates don’t care.
1 = HIGH, 0 = LOW
Output signal
BYP
MONO
SUR
SP
AC
BASS
MUTE
PSAVE
FROUT/FLOUT
SROUT/SLOUT
COUT
××××××
0
0
Available
Available
Available
××××××
1
0
–––
××××××
1
1
–––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com