Electronic Components Datasheet Search
  English  ▼

X  

SM1350 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM1350
Description  High Tone Quality Melody LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM1350 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SM1350 series
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
Number
Name
I/O
State1
1. U = pull-up resistor connection, SU : pull-up resistor connection only when melody output starts,
P = p-channel open drain, C = complementary output.
U or O = pull-up resistance or open drain (master slice)
Description2
2. BTL/A-class output mode is selected by mask option.
1
VDD
–
–
Supply pin
2S0
I
SU
Binary select mode: Phrase select pins.
Serial select mode: S0 and S1 control melody output.
3S1
I
SU
4S2
I
SU
5S3
I
SU
6
MODE
I
SU
Melody select mode control. Binary mode when LOW, and serial mode when HIGH.
7
LH
I
SU
Melody output mode control. One-shot when LOW, and level hold when HIGH.
8
STOP
I
U or O
One-shot melody mode: Melody output stop control.
Level hold melody mode: Invalid input.
9
STN
I
U or O
Melody start control
10
BUSYN
O
C
Busy output signal. LOW when a melody is output.
11
CT
O
C
External control pulse output
12
ICN
I
U
Initialization clear input
13
VSS
–
–
Ground pin
14
VOL
I
–
Volume adjust control. Volume adjusted using an external resistor.
15
SPN
O
P
9-bit D/A converter output in BTL output mode.
VOL current output in A-class output mode.
16
SP
O
P
BTL output mode: 9-bit D/A converter output.
A-class output mode: 10-bit D/A converter output.
17
MSB
O
C
BTL output mode: Signed-bit output. HIGH when no melody is output.
I
U
A-class output mode: BUSYIN input
18
MSBN
O
C
BTL output mode: Signed-bit output. HIGH when no melody is output.
A-class output mode: ENDN output. HIGH when no melody is output.
19
T1N
I
U
Test signal inputs
20
T2N
I
U
21
T3N
I
U
22
TO
O
C
Test signal output. 62.5 kHz output when not in test mode.
23
XTN
O
–
Oscillator output
24
XT
I
–
Oscillator input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com