Electronic Components Datasheet Search
  English  ▼

X  

SM1350 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM1350
Description  High Tone Quality Melody LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM1350 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SM1350 series
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
Master slice
Underlined entries are the default standard options. Throughout this datasheet, the standard options are
assumed unless otherwise specified.
U: pull-up resistance O: open input
P arameter
Symbol
Condition
Rating
Unit
Supply voltage
VDD
−0.3 to 7.0
V
Input voltage
VIN
VSS − 0.3 to VDD + 0.3
V
Storage temperature
Tstg
−40 to 125
°C
Power dissipation
PD
650
mW
Soldering temperature
Tsld
255
°C
Soldering time
tsld
10
s
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Supply voltage
VDD
2.4
–
5.5
V
Operating temperature
Topr
−20
–
80
°C
Specifi cations
Function Selected condition
Serial-mode melody selections
1 to 16
Melody output circuit
BTL / A-class
Level-hold melody select change retrigger
Yes / No
Pull-up/pull-down resistance
STN
U / O
STOP
U / O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com