Electronic Components Datasheet Search
  English  ▼

X  

SM1350 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM1350
Description  High Tone Quality Melody LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM1350 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SM1350 series
NIPPON PRECISION CIRCUITS—6
AC Characteristics
VDD = 3 or 5 V, Ta = 25 °C, VSS = 0 V
1.Oscillator start - up time = [time from when STN goes LOW to when TO goes HIGH] - 25.0
µs.
2.The time taken for fast damping to reduce the envelope to 0 level.
S0 to S3, MODE, LH, STOP, STN, ICN
LOW-level input current
IIL
VIL = VSS
–30
50
µA
BUSYN, CT, TO HIGH-level output
current
IOH1
VOH1 = VDD − 0.7
2.0
–
–
mA
BUSYN, CT,TO LOW-level output current
IOL1
VOL1 = VSS + 0.7
2.0
–
–
mA
MSB, MSBN HIGH-level output current
IOH2
VOH2 = VDD − 0.7
3.0
–
–
mA
MSB, MSBN LOW-level output current
IOL2
VOL2 = VSS + 0.7
3.0
–
–
mA
SP, SPN output current3
IOH3
VOH3 = VSS + 0.7
–
–
7.7
mA
1. Supply voltage ratings shown are with oscillator running and all functions operating normally.
2. Clock frequency and duty cycle are ratings for the clock input on pin XT.
3. Output current when 20 k
Ω volume control resistor is connected to VOL, and all D/A converter bits ON, measured using the following circuit.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Initialization clear time
tICW
1.0
–
–
µsec
STN pulsewidth
tSTW
Pre-input option selected
81.9
–
–
msec
Oscillator start-up time1
tXST
–
–
500
µsec
Oscillator stop time
tXEN
180.2
–
196.7
msec
D/A converter rise delay time
tDAST
–
81.9
–
msec
D/A converter fall delay time
tDAEN
180.2
–
196.7
msec
STN, STOP standby chattering time
tCH1
–
81.9
–
msec
STN, STOP oscillator chattering time
tCH2
Oscillator running
65.5
–
82.0
msec
S0 to S3 melody select chattering time
tCH3
65.5
–
131.1
msec
MODE, LH read timing
tMR
–
15.9
–
µsec
S0 to S3 read timing
tSR
–
31.9
–
µsec
BUSYN fall delay time
tBYST
–
8.2
–
msec
BUSYN rise delay time2
tBYEN
–
–
8.2
msec
Melody start delay time
tPYST
–
16.4
–
msec
STOP pulsewidth
tSTPW1
Pre-input option selected
81.9
–
–
msec
ENDN delay time
tEDST
A-class output option
–
–
8.2
msec
ENDN pulsewidth
tEDW
A-class output option
–
16.0
–
µsec
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
VDD
VOL
VSS
20k
Ω
0.7V
VDD
A
SP,SPN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com