Electronic Components Datasheet Search
  English  ▼

X  

SM1350 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM1350
Description  High Tone Quality Melody LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM1350 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SM1350 series
NIPPON PRECISION CIRCUITS—9
Melody Output Circuit
The volume control circuit comprises a P-channel
current-summing D/A converter, a built-in constant-
current source and an external variable resistor. The
circuit is set for either BTL output or A-class output
by master-slice option.
BTLoutput
The BTL output comprises a pair of 9-bit D/A
converters and 4 external transistors (2
× NPN + 2 ×
PNP) to drive a speaker.
A-class output circuit
The A-class output circuit comprises a single 10-bit
D/A converter with current output on SP. The D/A
converter MSB is set ON immediately after the
oscillator starts, and the current output that results is
the center point above and below which the converter
current output varies in response to the waveform
amplitude. The SP output is current-to-voltage
converted for connection to audio equipment or
amplifiers. In A-class output mode, the 4 sound
generator waveforms are time multiplexed, so an
integrating circuit must be connected between SP
and the amplifier to recover the signal.
Figure 4. BTL output circuit
VDD
VDD
VSS
VOL
MSB
MSBN
SP
SPN
VSS
SPEAKER
C
Note: Refer to the "TIMING DIAGRAMS" section to confirm melody timing specifics.
Figure 5. A-class output circuit
VDD
VSS
VOL
SP
BUSYN
AMP
VSS
VDD
SPEAKER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com