Electronic Components Datasheet Search
  English  ▼

X  

SM1350 Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM1350
Description  High Tone Quality Melody LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350 Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM1350 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM1350 Datasheet HTML 20Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
SM1350 series
NIPPON PRECISION CIRCUITS—16
Melodies
Number of melodies
The maximum number of program melodies is 16. Note that is the jump function is used to change the tone or
tempo during melody output, then the maximum number of melodies reduces by the number of times the jump
function was invoked.
Number of program steps
The maximum number of program steps that can be stored in score ROM (notes, rests, jump codes and end
codes) is 1024.
Tempo
The basic quarter note tempo can be set in the range 4.8 to 605.6 in multiples of 4.8.
Note (rest) rhythm values
There are 12 note rhythm values and 13 rest rhythm values that can be used to construct a melody. Also, 2 or
more notes can be combined using ties or slurs.
Table 2. Rhythm values Symbol Note Rest
0123456789
A
B
C
Symbol
Note
3
3
3
3
Rest
3
3
3
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com