| Electronic Components Datasheet Search |
|
SM1350 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM1350 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc |
|
11 / 21 page ![]() SM1350 series NIPPON PRECISION CIRCUITS—11 Level hold melody output (LH = HIGH) If the “Select change retrigger [Yes]” mask option is selected, a new melody starts playing from the leading note when any of the S0 to S3 inputs changes state. Serial select mode (MODE = HIGH) In serial select mode, the next melody is selected by cycling through the melodies in the order #N → #N+1 … #N−1 → #N when the STN input goes LOW. The number of melodies in the cycle is set by master-slice option. Note that when melody output is stopped using the STOP input, the melody-select counter increments. One-shot melody output (LH = LOW) Note: Refer to the "TIMING DIAGRAMS" section to confirm melody timing specifics Figure 7. Level hold mode (binary select) with “Select change retrigger [No]” mask option STN S0 to S3 #N #N #N Melody Output Note: Refer to the "TIMING DIAGRAMS" section to confirm melody timing specifics Figure 8. Level hold mode (binary select) with “Select change retrigger [Yes]” mask option STN S0 to S3 #N #N #M #M Melody Output Note: Refer to the "TIMING DIAGRAMS" section to confirm melody timing specifics Figure 9. One-shot mode (serial select) STN #N #N+1 #N+2 Melody Output |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |