Electronic Components Datasheet Search
  English  ▼

X  

DAP041 Datasheet(PDF) 13 Page - ON Semiconductor

Part # DAP041
Description  Fixed Frequency Current Mode Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP041 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button DAP041 Datasheet HTML 9Page - ON Semiconductor DAP041 Datasheet HTML 10Page - ON Semiconductor DAP041 Datasheet HTML 11Page - ON Semiconductor DAP041 Datasheet HTML 12Page - ON Semiconductor DAP041 Datasheet HTML 13Page - ON Semiconductor DAP041 Datasheet HTML 14Page - ON Semiconductor DAP041 Datasheet HTML 15Page - ON Semiconductor DAP041 Datasheet HTML 16Page - ON Semiconductor DAP041 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
SCY99194
http://onsemi.com
13
TYPICAL CHARACTERISTIC
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
Figure 30. VCC Turn−off Threshold (UVLO)
VCC(off)
TEMPERATURE (
°C)
−50
−25
0
25
50
75
100
125
6.4
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
7.3
−50
−25
0
25
50
75
100
125
Figure 31. VCC Decreasing Level at Which the
Internal Logic Resets VCC(reset)
TEMPERATURE (
°C)
1.7
1.7
1.8
1.8
1.9
1.9
2.0
Figure 32. Internal Current Consumption when
DRV Pin is Unloaded
TEMPERATURE (
°C)
−50
−25
0
25
50
75
100
125
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Figure 33. Internal Current Consumption when
DRV Pin is Loaded by 1 nF
TEMPERATURE (
°C)
−50
−25
0
25
50
75
100
125
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
Figure 34. X2 Discharge Comparator
Hysteresis Observed at HV Pin VHV(hyst)
TEMPERATURE (
°C)
−50
−25
0
25
50
75
100
125
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
−50
−25
0
25
50
75
100
125
Figure 35. HV Signal Sampling Period Tsample
TEMPERATURE (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com