Electronic Components Datasheet Search
  English  ▼

X  

DAP041 Datasheet(PDF) 33 Page - ON Semiconductor

Part # DAP041
Description  Fixed Frequency Current Mode Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP041 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button DAP041 Datasheet HTML 29Page - ON Semiconductor DAP041 Datasheet HTML 30Page - ON Semiconductor DAP041 Datasheet HTML 31Page - ON Semiconductor DAP041 Datasheet HTML 32Page - ON Semiconductor DAP041 Datasheet HTML 33Page - ON Semiconductor DAP041 Datasheet HTML 34Page - ON Semiconductor DAP041 Datasheet HTML 35Page - ON Semiconductor DAP041 Datasheet HTML 36Page - ON Semiconductor DAP041 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
SCY99194
http://onsemi.com
33
A 3 bit A/D converter with the peak detector senses the ac
input, and its output is periodically sampled and reset, in
order to follow closely the input voltage variations. The
sample and reset events are given by the output from the ac
line unplug detector. The sensed HV pin voltage peak value
is validated when no HV edges from comparator are present
after last falling edge during two sample clocks. See
Figure 63 for details.
Overcurrent Protection with Fault timer
The overload protection depends only on the current
sensing signal, making it able to work with any transformer,
even with very poor coupling or high leakage inductance.
When an overcurrent occurs on the output of the power
supply, the FB loop asks for more power than the controller
can deliver, and the CS setpoint reaches VILIM. When this
event occurs, an internal tfault timer is started: once the timer
times out, DRV pulses are stopped and the controller is either
latched off (latched protection, option A) or this latch can be
released in autorecovery mode (option B), the controller
tries to restart after tautorec. Another possibility of the latch
release is the VCC power on reset or the ac line unplug event
detected via ac detector. Therefore the latch can be released
by the end of the 1st X2 discharge event. The timer is reset
when the CS setpoint goes back below VILIM before the
timer elapses. The fault timer is also started if the driver
signal is reset by the max duty−ratio. The controller also
enters the same protection mode if the voltage on the CS pin
reaches 1.5 times the maximum internal setpoint VCS(stop)
(allows to detect winding short−circuits) or there appears
low VCC supply. See Figures 64 and 65 for the timing
diagram.
In autorecovery mode if the fault has gone, the supply
resumes operation; if not, the system starts a new burst cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com