Electronic Components Datasheet Search
  English  ▼

X  

DAP041 Datasheet(PDF) 29 Page - ON Semiconductor

Part # DAP041
Description  Fixed Frequency Current Mode Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP041 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button DAP041 Datasheet HTML 25Page - ON Semiconductor DAP041 Datasheet HTML 26Page - ON Semiconductor DAP041 Datasheet HTML 27Page - ON Semiconductor DAP041 Datasheet HTML 28Page - ON Semiconductor DAP041 Datasheet HTML 29Page - ON Semiconductor DAP041 Datasheet HTML 30Page - ON Semiconductor DAP041 Datasheet HTML 31Page - ON Semiconductor DAP041 Datasheet HTML 32Page - ON Semiconductor DAP041 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
SCY99194
http://onsemi.com
29
Figure 56. Soft−Start Feature
Under some conditions, like a winding short−circuit for
instance, not all the energy stored during the on time is
transferred to the output during the off time, even if the on
time duration is at its minimum (imposed by the propagation
delay of the detector added to the LEB duration). As a result,
the current sense voltage keeps on increasing above VILIM,
because the controller is blind during the LEB blanking
time. Dangerously high current can grow in the system if
nothing is done to stop the controller. That’s what the
additional comparator, that senses when the current sense
voltage on CS pin reaches VCS(stop) ( = 1.5 x VILIM ), does:
as soon as this comparator toggles, the controller
immediately enters the protection mode.
In order to allow the SCY99194 to operate in CCM with
a duty cycle above 50%, the fixed slope compensation is
internally applied to the current−mode control. The slope
appearing on the internal voltage setpoint for the PWM
comparator is −32.5 mV/
ms typical for the 65 kHz version.
The slope compensation can be observable as a value of the
peak current at CS pin.
The internal slope compensation circuitry uses a sawtooth
signal synchronized with the internal oscillator is subtracted
from the FB voltage divided by KFB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com