Electronic Components Datasheet Search
  English  ▼

X  

DAP041 Datasheet(PDF) 28 Page - ON Semiconductor

Part # DAP041
Description  Fixed Frequency Current Mode Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP041 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button DAP041 Datasheet HTML 24Page - ON Semiconductor DAP041 Datasheet HTML 25Page - ON Semiconductor DAP041 Datasheet HTML 26Page - ON Semiconductor DAP041 Datasheet HTML 27Page - ON Semiconductor DAP041 Datasheet HTML 28Page - ON Semiconductor DAP041 Datasheet HTML 29Page - ON Semiconductor DAP041 Datasheet HTML 30Page - ON Semiconductor DAP041 Datasheet HTML 31Page - ON Semiconductor DAP041 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
SCY99194
http://onsemi.com
28
Figure 55. Skip Mode Timing Diagram
Clamped Driver
The supply voltage for the SCY99194 can be as high as
28 V, but most of the MOSFETs that will be connected to the
DRV pin cannot accept more than 20 V on their gate. The
driver pin is therefore clamped safely below 16 V. This
driver has a typical capability of 500 mA for source current
and 800 mA for sink current.
Current−Mode Control With Slope Compensation and
Soft−Start
SCY99194 is a current−mode controller, which means
that the FB voltage sets the peak current flowing in the
inductance and the MOSFET. This is done through a PWM
comparator: the current is sensed across a resistor and the
resulting voltage is applied to the CS pin. It is applied to one
input of the PWM comparator through a 250 ns LEB block.
On the other input the FB voltage divided by 5 sets the
threshold: when the voltage ramp reaches this threshold, the
output driver is turned off. The maximum value for the
current sense is 0.7 V, and it is set by a dedicated comparator.
Each time the controller is starting, i.e. the controller was
off and starts – or restarts – when VCC reaches VCC(on), a
soft−start is applied: the current sense setpoint is increased
by 15 discrete steps from 0 (the minimum level can be
higher than 0 because of the LEB and propagation delay)
until it reaches VILIM (after a duration of tSSTART), or until
the FB loop imposes a setpoint lower than the one imposed
by the soft−start (the two comparators outputs are OR’ed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com