Electronic Components Datasheet Search
  English  ▼

X  

DAP041 Datasheet(PDF) 18 Page - ON Semiconductor

Part # DAP041
Description  Fixed Frequency Current Mode Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP041 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button DAP041 Datasheet HTML 14Page - ON Semiconductor DAP041 Datasheet HTML 15Page - ON Semiconductor DAP041 Datasheet HTML 16Page - ON Semiconductor DAP041 Datasheet HTML 17Page - ON Semiconductor DAP041 Datasheet HTML 18Page - ON Semiconductor DAP041 Datasheet HTML 19Page - ON Semiconductor DAP041 Datasheet HTML 20Page - ON Semiconductor DAP041 Datasheet HTML 21Page - ON Semiconductor DAP041 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
SCY99194
http://onsemi.com
18
The information about the fault (permanent Latch or
Autorecovery) is kept during the low consumption off mode
due the safety reason. The reason is not to allow unlatch the
device by the remote control being in off mode.
Start−up of the Controller
At start−up, the current source turns on when the voltage
on the HV pin is higher than VHV(min), and turns off when
VCC reaches VCC(on), then turns on again when VCC reaches
VCC(min), until VCC is supplied by an external source. The
controller actually starts the first time VCC reaches VCC(on)
when the slope on HV pin is positive.
Even though the Dynamic Self−Supply is able to maintain
the VCC voltage between VCC(on) and VCC(min) by turning
the HV start−up current source on and off, it can only be used
in light load condition, otherwise the power dissipation on
the die would be too much. As a result, an auxiliary voltage
source is needed to supply VCC during normal operation.
The Dynamic Self−Supply is useful to keep the controller
alive when no switching pulses are delivered, e.g. in latch or
fault condition, or to prevent the controller from stopping
during load transients when the VCC might drop. The
SCY99194 accepts a supply voltage as high as 28 V, with an
overvoltage threshold VCC(ovp) that latches the controller
off.
Figure 43. VCC Start−up Timing Diagram
time
VHV
time
VCC
time
DRV
V HV(start)
V HV(min)
VCC(on)
V CC(min)
HV current
source = Istart1
HV current
source = Istart2
Waits next
VCC(on)
before starting
VCC(inhibit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com