Electronic Components Datasheet Search
  English  ▼

X  

DAP041 Datasheet(PDF) 2 Page - ON Semiconductor

Part # DAP041
Description  Fixed Frequency Current Mode Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP041 Datasheet(HTML) 2 Page - ON Semiconductor

  DAP041 Datasheet HTML 1Page - ON Semiconductor DAP041 Datasheet HTML 2Page - ON Semiconductor DAP041 Datasheet HTML 3Page - ON Semiconductor DAP041 Datasheet HTML 4Page - ON Semiconductor DAP041 Datasheet HTML 5Page - ON Semiconductor DAP041 Datasheet HTML 6Page - ON Semiconductor DAP041 Datasheet HTML 7Page - ON Semiconductor DAP041 Datasheet HTML 8Page - ON Semiconductor DAP041 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
SCY99194
http://onsemi.com
2
TYPICAL APPLICATION EXAMPLE
Figure 1. Flyback Converter Application Using the SCY99194
SCY99194
PIN FUNCTION DESCRIPTION
Pin No
Pin Name
Function
Pin Description
1
LATCH
Latch−Off Input
Pull the pin up or down to latch−off the controller. An internal current source
allows the direct connection of an NTC for over temperature detection.
2
FB
Feedback + Shutdown pin
An optocoupler collector to ground controls the output regulation. The part
goes to the low consumption Off mode if the FB input pin is pulled to GND.
3
CS
Current Sense
This Input senses the Primary Current for current−mode operation, and
offers an overpower compensation adjustment.
4
GND
−
The controller ground
5
DRV
Drive output
Drives external MOSFET
6
VCC
VCC input
This supply pin accepts up to 28 Vdc, with overvoltage detection. The pin is
connected to an external auxiliary voltage. It is not allowed to connect
another circuit to this pin to keep low input power consumption.
8
HV
High−voltage pin
Connects to the rectified AC line to perform the functions of Start−up
Current Source, Self−Supply and X2 capacitor discharge function and the
HV sensing for the overpower protection purposes. It is not allowed to
connect this pin to DC voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com