Electronic Components Datasheet Search
  English  ▼

X  

SM5842AP Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5842AP
Description  High-Class Audio Multi-function Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5842AP Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5842AP Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SM5842AP/APT
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
Number
Name
I/O1
Description
1
DI/INF2N
Ip
Data input when INF1N is LOW, and input format select pin 2 when INF1N is HIGH.
2
BCKI
Ip
Input bit clock
3
CKSLN
Ip
Oscillator and system clock select input. 384fs when HIGH, and 256fs when LOW.
4
INF1N
Ip
Input format select pin 1. INF1N and INF2N select the pin functions below.
5
IW1N/DIL
Ip
Input bit length select pin 1 when INF1N is LOW, and left-channel data input when INF1N is HIGH.
IW1N and IW2N select the input data length.
6
XTI
I
Oscillator input connection
7
XTO
O
Oscillator output connection
8
VSS
–
Ground
9
CKO
O
Oscillator output clock. Same frequency as XTI.
10
IW2N/DIR
Ip
Input bit length select pin 2 when INF2N is LOW, and right-channel data input when INF2N is HIGH.
IW1N and IW2N select the input data length as shown in the table for pin 5.
11
OW1N
Ip
Output length select bits.
12
OW2N
Ip
13
SYNCN
Ip
Sync mode select pin. Normal sync mode when LOW, and jitter-free mode when HIGH.
14
RSTN
Ip
System reset. Reset operation when LOW, and normal operation when HIGH.
15
DEMPR
Ip
Right-channel deemphasis control signal. OFF when LOW, and ON when HIGH.
16
DEMPR
Ip
Left-channel deemphasis control signal. OFF when LOW, and ON when HIGH.
17
FSEL1
Ip
Deemphasis filter select inputs
18
FSEL2
Ip
INF1N
DI/INF2N
Input format
Pin function selection
DI/INF2N
IW1N/DIL
IW2N/DIR
LOW
LOW
LR alternating, trailing data
DI
IW1N
IW2N
LOW
HIGH
HIGH
LOW
LR alternating, leading data
INF2N
DIL
DIR
HIGH
HIGH
LR simultaneous, leading data
INF1N
IW2N/DIL
IW1N/DIR
Input bit length
LOW
LOW
LOW
24 bits
LOW
HIGH
20 bits
HIGH
LOW
18 bits
HIGH
HIGH
16 bits
HIGH
××
24 bits
OW2N
OW1N
Output bit length
LOW
LOW
24 bits
LOW
HIGH
22 bits
HIGH
LOW
20 bits
HIGH
HIGH
18 bits
FSEL1
FSEL2
Sampling frequency (fs)
LOW
LOW
44.1 kHz
LOW
HIGH
48 kHz
HIGH
LOW
Invalid setting
HIGH
HIGH
32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com