Electronic Components Datasheet Search
  English  ▼

X  

SM5842AP Datasheet(PDF) 15 Page - Nippon Precision Circuits Inc

Part # SM5842AP
Description  High-Class Audio Multi-function Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5842AP Datasheet(HTML) 15 Page - Nippon Precision Circuits Inc

Back Button SM5842AP Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 19Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
SM5842AP/APT
NIPPON PRECISION CIRCUITS—15
Audio Data Output (DOL, DOR, BCKO,
WCKO, OW20N)
The output data is in serial, simultaneous left and
right-channel, 2s complement, MSB first, BCKO
burst (NPC format) format. The output data word
length is selected by the state of OW1N and OW2N
as shown in table 5.
8fs serial data is output in sync with the falling edge
of the internal system clock and BCKO clock. The
output timing is determined by CKSLN and the out-
put word length. When CKSLN is LOW, the output
timing is the same for different output word lengths.
Only the number of BCKO bit clock pulses word
changes depending on the output word length
selected. When CKSLN is HIGH, however, the out-
put timing for 24-bit output mode starts 1 bit earlier
than for 18/20/22-bit output mode.
Table 5. Output word length select
OW1N
OW2N
Output word length
LOW
LOW
24 bits
LOW
HIGH
22 bits
HIGH
LOW
20 bits
HIGH
HIGH
18 bits
Table 6. Output timing
Parameter
Symbol
CKSLN = HIGH
CKSLN = LOW
Bit clock rate
tB
1/192fs
1/256fs
Data word length
tDW
24tSYS
32tSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com