Electronic Components Datasheet Search
  English  ▼

X  

SM5842AP Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM5842AP
Description  High-Class Audio Multi-function Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5842AP Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM5842AP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SM5842AP/APT
NIPPON PRECISION CIRCUITS—12
FUNCTIONAL DESCRIPTION
The basic arithmetic block is shown in figure 1, and
the function of each block is described in the follow-
ing sections.
8-times Oversampling (Interpolation)
The interpolation arithmetic block is comprised of 3
cascaded, 2-times FIR interpolation filters, as shown
in figure 1.
The input signal is sampled at rate fs, and then 8-
times oversampling data is output. Sampling noise in
the 0.5465fs to 7.4535fs stopband is removed by the
interpolation filter.
Digital Deemphasis
The digital deemphasis filter has the same construc-
tion as analog filters. It is implemented as an IIR fil-
ter to faithfully reproduce the gain and phase
characteristics of standard analog deemphasis filters.
The three sets of filter coefficients for the three fs =
32.0/44.1/48.0
kHz
sampling
frequencies
are
selected by FSEL1 and FSEL2 when the sampling
frequency is specified, as shown in table 1. Indepen-
dent deemphasis for the left and right channel is con-
trolled independently by DEMPL and DEMPR,
respectively. Digital deemphasis is ON when
DEMPL/DEMPR
is
HIGH,
and
OFF
when
DEMPL/DEMPR is LOW.
Figure 1. Arithmetic block diagram
Input
fs
2fs
2-times interpolator
2nd FIR, 29-tap
4fs
Deemphasis IIR filter
Deemphasis ON
4fs
Soft mute
4fs
8fs
Output
Deemphasis OFF
2-times interpolator
3rd FIR, 17-tap
2-times interpolator
1st FIR, 169-tap
Table 1. Sampling frequency select
FSEL1
FSEL2
Sampling frequency (fs)
LOW
LOW
44.1 kHz
LOW
HIGH
48 kHz
HIGH
LOW
Invalid setting
HIGH
HIGH
32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com