Electronic Components Datasheet Search
  English  ▼

X  

SM5842AP Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM5842AP
Description  High-Class Audio Multi-function Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5842AP Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM5842AP Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 20Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
SM5842AP/APT
NIPPON PRECISION CIRCUITS—16
System Reset (RSTN)
Under
normal
operating
conditions,
the
SM5842AP/APT does not need to be reset. However,
it can be reset when you want to synchronize the
LRCI clock and internal operation timing in jitter-
free mode.
The system is reset by applying a LOW-level pulse
on RSTN.
The arithmetic and output timing counters are reset
on the first LRCI start edge after reset is released, as
long as the XTI clock has already stabilized. The
LRCI start edge is determined by the state of INF1N
and INF2N. When INF1N is LOW or when both
INF1N and INF2N are HIGH, the start edge is the
rising edge. When INF1N is HIGH and INF2N is
LOW, the start edge is the falling edge.
When RSTN is LOW, the DOL and DOR outputs are
LOW, muting the output signal to an attenuation
level of
−∞.
The power-ON reset pulse can be applied by a
microcontroller or, for systems where XTI and LRCI
are stable at power-ON, by connecting a capacitor of
about 300 pF between RSTN and VSS. For systems
that do not use a microcontroller, the capacitor must
be chosen such that the XTI and LRCI clocks fully
stabilize before RSTN goes from LOW to HIGH.
Figure 3. System reset timing and output muting
RSTN
LRCI
DOL
DOR
1
2
Internal reset
WCKO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com