Electronic Components Datasheet Search
  English  ▼

X  

SM5842AP Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # SM5842AP
Description  High-Class Audio Multi-function Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5842AP Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button SM5842AP Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 18Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
SM5842AP/APT
NIPPON PRECISION CIRCUITS—14
Audio Data Input (INF1N, INF2N, IW1N, IW2N, DI, DIL, DIR, BCKI, LRCI)
The input data format and several input pin functions
are selected by the state of INF1N and INF2N as
shown in table 3.
The input data word length is selected by the state of
IW1N and IW2N when INF1N is LOW. 24-bit is
selected when INF1N is HIGH.
Jitter-free Function (SYNCN)
The arithmetic circuit and output control timing is
derived from the system clock, and is therefore inde-
pendent of the input LRCI and BCKI clocks.
Accordingly, any jitter in the data input clock (LRCI
and BCKI) does not cause jitter in the output.
Generally, the internal timing is synchronized to the
LRCI input timing after a system reset release, when
RSTN goes from LOW to HIGH, on the first LRCI
clock start edge. If the input timing and LRCI start
edge timing subsequently drift, the input timing is
automatically resynchronized when the timing error
exceeds a certain value. There are 2 timing error val-
ues at which resynchronization occurs, selected by
the state of SYNCN.
Jitter-free mode (SYNCN = HIGH)
When SYNCN is HIGH, the timing error value is
±3/8
× (LRCI clock period). When the difference
between the input timing and LRCI start edge posi-
tion do not exceed this value, internal timing is not
resynchronized and all functions continue to operate
normally.
Sync mode (SYNCN = LOW)
When SYNCN is LOW, the timing error value is ±1
× (system clock period), which is a much smaller
timing error tolerance than in jitter-free mode. In this
mode, the internal timing is guaranteed to follow the
LRCI clock timing within this tolerance, making this
mode useful for systems constructed from a multiple
number of SM5842AP/APT devices.
Note that resynchronization affects the internal oper-
ation and can generate a momentary click noise out-
put.
Table 3. Pin function select
INF1N
DI/INF2N
Input format
Pin function selection
DI/INF2N
IW1N/DIL
IW2N/DIR
LOW
LOW
LR alternating1, trailing data
DI
IW1N
IW2N
LOW
HIGH
HIGH
LOW
LR alternating, leading data
INF2N
DIL
DIR
HIGH
HIGH
LR simultaneous2, leading data
1. Alternating left-channel and right-channel data input on a single input DI.
2. Simultaneous left-channel and right-channel data input on two inputs, DIL and DIR, respectively.
Table 4. Input word length
INF1N
IW2N/DIL
IW1N/DIR
Input word length
LOW
LOW
LOW
24 bits
LOW
HIGH
22 bits
HIGH
LOW
18 bits
HIGH
HIGH
16 bits
HIGH
××
24 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com