Electronic Components Datasheet Search
  English  ▼

X  

MT9042AP Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MT9042AP
Description  Global Digital Trunk Synchronizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042AP Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT9042AP Datasheet HTML 4Page - Mitel Networks Corporation MT9042AP Datasheet HTML 5Page - Mitel Networks Corporation MT9042AP Datasheet HTML 6Page - Mitel Networks Corporation MT9042AP Datasheet HTML 7Page - Mitel Networks Corporation MT9042AP Datasheet HTML 8Page - Mitel Networks Corporation MT9042AP Datasheet HTML 9Page - Mitel Networks Corporation MT9042AP Datasheet HTML 10Page - Mitel Networks Corporation MT9042AP Datasheet HTML 11Page - Mitel Networks Corporation MT9042AP Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MT9042
Preliminary Information
3-104
Input Jitter
Modulation
Frequency
(Hz)
Input Jitter
Magnitude
(UIp-p)
Measured Jitter Output (UIp-p)
T1 Reference Input
E1 Reference Input
Output Jitter
Magnitude
(UIp-p)
Jitter
Attenuation
(dB)
Output Jitter
Magnitude
(UIp-p)
Jitter
Attenuation
(dB)
10
20
2.42
18.34
2.41
18.38
20
20
1.62
21.83
1.618
21.84
40
20
.900
26.94
.908
26.86
100
20
.375
34.54
.376
34.52
330
10
.060
44.44
.060
44.44
500
8
.032
47.96
.032
47.96
1000
7
.015
53.38
.015
53.38
5000
0.8
.003
48.52
.003
48.52
7900
1.044
.003
50.83
.003
50.83
7950
1.044
.003
50.83
.003
50.83
7980
1.044
.003
50.83
.003
50.83
7999
1.044
.003
50.83
.003
50.83
8001
1.044
.003
50.83
.003
50.83
8020
1.044
.003
50.83
.003
50.83
8050
1.044
.003
50.83
.003
50.83
8100
1.044
.003
50.83
.003
50.83
10000
0.4
.003
42.50
.003
42.50
Table 8 - Typical Jitter Transfer Function for the T1 Output
Notes
1) For input jitter from 10 kHz to 100 kHz, the jitter attenuation is of such magnitude that intrinsic jitter dominates the output
signal, rendering the jitter transfer function unmeasurable.
2) Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com