Electronic Components Datasheet Search
  English  ▼

X  

MT9042AP Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MT9042AP
Description  Global Digital Trunk Synchronizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042AP Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MT9042AP Datasheet HTML 5Page - Mitel Networks Corporation MT9042AP Datasheet HTML 6Page - Mitel Networks Corporation MT9042AP Datasheet HTML 7Page - Mitel Networks Corporation MT9042AP Datasheet HTML 8Page - Mitel Networks Corporation MT9042AP Datasheet HTML 9Page - Mitel Networks Corporation MT9042AP Datasheet HTML 10Page - Mitel Networks Corporation MT9042AP Datasheet HTML 11Page - Mitel Networks Corporation MT9042AP Datasheet HTML 12Page - Mitel Networks Corporation MT9042AP Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Information
MT9042
3-105
Input Jitter
Modulation
Frequency
(Hz)
Input Jitter
Magnitude
(UIp-p)
Measured Jitter Output (UIp-p)
T1 Reference Input
E1 Reference Input
Output Jitter
Magnitude
(UIp-p)
Jitter
Attenuation
(dB)
Output Jitter
Magnitude
(UIp-p)
Jitter
Attenuation
(dB)
10
1.5
.355
12.52
.351
12.62
20
1.5
.186
18.13
.185
18.18
40
1.5
.095
23.97
.096
23.88
100
1.5
.039
31.70
.039
31.70
200
1.5
.021
37.08
.020
37.50
400
1.5
.012
41.94
.012
41.94
1000
1.5
.006
47.96
.007
46.62
7900*
1.044
.002
54.35
.002
54.35
7950*
1.044
.002
54.35
.002
54.35
7980*
1.044
.002
54.35
.002
54.35
7999*
1.044
.002
54.35
.002
54.35
8001*
1.044
.002
54.35
.002
54.35
8020*
1.044
.002
54.35
.002
54.35
8050*
1.044
.002
54.35
.002
54.35
8100*
1.044
.002
54.35
.002
54.35
10000
0.35
.004
38.84
.003
41.34
100000
0.20
.004
33.98
.003
36.48
Table 9 - Typical Jitter Transfer Function for the E1 Output
Notes
1) For input jitter from 10 kHz to 100 kHz, the jitter attenuation is of such magnitude that intrinsic jitter dominates the output
signal, rendering the jitter transfer function unmeasurable.
2) Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
* Output jitter dominated by intrinsic jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com