Electronic Components Datasheet Search
  English  ▼

X  

MT9042AP Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MT9042AP
Description  Global Digital Trunk Synchronizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042AP Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MT9042AP Datasheet HTML 7Page - Mitel Networks Corporation MT9042AP Datasheet HTML 8Page - Mitel Networks Corporation MT9042AP Datasheet HTML 9Page - Mitel Networks Corporation MT9042AP Datasheet HTML 10Page - Mitel Networks Corporation MT9042AP Datasheet HTML 11Page - Mitel Networks Corporation MT9042AP Datasheet HTML 12Page - Mitel Networks Corporation MT9042AP Datasheet HTML 13Page - Mitel Networks Corporation MT9042AP Datasheet HTML 14Page - Mitel Networks Corporation MT9042AP Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Information
MT9042
3-107
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Absolute Maximum Ratings*- Voltages are with respect to ground (V
SS) unless otherwise stated.
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDD
-0.3
7.0
V
2
Voltage on any pin
VI
VSS-0.3
VDD+0.3
V
3
Input/Output Diode Current
IIK/OK
±150
mA
4
Output Source or Sink Current
IO
±150
mA
5
DC Supply or Ground Current
IDD/ISS
±300
mA
6
Storage Temperature
TST
-55
125
°C
7
Package Power Dissipation
PLCC
PD
900
mW
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply Voltage
VDD
4.5
5.0
5.5
V
2
Input HIGH Voltage
VIH
2.0
VDD
V
3
Input LOW Voltage
VIL
VSS
0.8
V
4
Operating Temperature
TA
-40
25
85
°C
DC Electrical Characteristics - Voltages are with respect to ground (V
SS) unless otherwise stated.
VDD =5.0 V±10%; VSS =0V; TA =-40 to 85°C.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
S
U
P
Supply Current
IDD
55
mA
Under operating condition
2
I
N
Input HIGH voltage
VIH
2.0
V
3
Input LOW voltage
VIL
0.8
V
4
O
U
T
Output current HIGH
IOH
-4
mA
VOH=2.4 V
5
Output current LOW
IOL
4mA
VOL=0.4 V
6
Leakage current on all inputs
IIL
10
µA
VIN=VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com