Electronic Components Datasheet Search
  English  ▼

X  

MT9042AP Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT9042AP
Description  Global Digital Trunk Synchronizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042AP Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT9042AP Datasheet HTML 3Page - Mitel Networks Corporation MT9042AP Datasheet HTML 4Page - Mitel Networks Corporation MT9042AP Datasheet HTML 5Page - Mitel Networks Corporation MT9042AP Datasheet HTML 6Page - Mitel Networks Corporation MT9042AP Datasheet HTML 7Page - Mitel Networks Corporation MT9042AP Datasheet HTML 8Page - Mitel Networks Corporation MT9042AP Datasheet HTML 9Page - Mitel Networks Corporation MT9042AP Datasheet HTML 10Page - Mitel Networks Corporation MT9042AP Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Information
MT9042
3-103
maximum time interval error should not exceed 1
µs.
As well, during this transient response, the output
signal shall not change its phase position in time
faster than 81 ns per 1.326 ms observation period.
For the case where the PRI and SEC reference
inputs are both at 8 kHz, but phase separated by
180
° the maximum time interval recorded for input
rearrangement is 320 ns. For a 45 degree separation
of
the
reference
inputs,
an
85
Hz
periodic
rearrangement indicated a measured slope of 10ns
per 1.326 ms observation period.
Jitter Performance
The output jitter of a digital trunk PLL is composed of
intrinsic jitter, measured using a jitter free reference
clock, and frequency dependent jitter, measured by
applying known levels of jitter on the references
clock. The jitter spectrum indicates the frequency
content of the output jitter.
Intrinsic Jitter
Intrinsic jitter is the jitter added to an output signal by
the processing device, in this case the enhanced
PLL. Tables 6 and 7 show the average measured
intrinsic jitter of the T1 and E1 outputs.
Each
measurement is an average based upon a
±100 ppm
deviation (in steps of 20 ppm) on the input reference
clock. Jitter on the master clock will increase intrinsic
jitter of the device, hence attention to minimization of
master clock jitter is required.
Jitter Transfer Function
The jitter transfer function is a measure of the
transfer characteristics of the PLL to frequency
specific jitter on the referenced input of the PLL. It is
directly linked to the loop bandwidth and the
magnitude
of
the
phase
error
suppression
characteristics of the PLL. It is measured by applying
jitter of specific magnitude and frequencies to the
input of the PLL, then measuring the magnitude of
the output jitter (both filtered and unfiltered) on the
T1 or E1 output.
Care must be taken when measuring the transfer
characteristics to ensure that critical jitter alias
frequencies are included in the measurement (i.e.,
for digital phase locked loops using an 8 kHz input).
Tables 8 and 9 provide measured results for the jitter
transfer characteristics of the PLL for both a 1.544
MHz and 2.048 MHz reference input clock. The
transfer characteristics for an 8 kHz reference input
will be the same.
Figures
5
and
6
show
the
jitter
attenuation
performance of the T1 and E1 outputs plotted
against
AT & T TR62411 and ETSI requirements,
respectively.
Output Jitter in UIp-p
Reference Input
FLT0 Unfiltered
FLT1
10Hz - 8kHz
FLT2
10Hz - 40kHz
FLT3
8kHz - 40kHz
8 kHz
.011
.004
.006
.002
1.544 MHz
.011
.001
.002
.001
2.048 MHz
.011
.001
.002
.001
Table 6 -Typical Intrinsic Jitter for the T1 Output
Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Output Jitter in UIp-p
Reference Input
FLT0 Unfiltered
FLT1
20Hz - 100kHz
FLT2
700Hz - 100kHz
8 kHz
.011
.002
.002
1.544 MHz
.011
.002
.002
2.048 MHz
.011
.002
.002
Table 7 - Typical Intrinsic Jitter for the E1 Output
Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com