Electronic Components Datasheet Search
  English  ▼

X  

MT9042AP Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT9042AP
Description  Global Digital Trunk Synchronizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042AP Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT9042AP Datasheet HTML 6Page - Mitel Networks Corporation MT9042AP Datasheet HTML 7Page - Mitel Networks Corporation MT9042AP Datasheet HTML 8Page - Mitel Networks Corporation MT9042AP Datasheet HTML 9Page - Mitel Networks Corporation MT9042AP Datasheet HTML 10Page - Mitel Networks Corporation MT9042AP Datasheet HTML 11Page - Mitel Networks Corporation MT9042AP Datasheet HTML 12Page - Mitel Networks Corporation MT9042AP Datasheet HTML 13Page - Mitel Networks Corporation MT9042AP Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MT9042
Preliminary Information
3-106
Figure 5 - Typical Jitter Attenuation for T1 Output
Figure 6 - Typical Jitter Attenuation for E1 Output
0
60
50
40
30
10
20
1
10
20
100
300
1K
10K
b)
a)
SLOPE -20 dB PER DECADE
SLOPE -40 dB
PER DECADE
Frequency (Hz)
dB
-0.5
0
19.5
10
40
400
10K
-20 dB/decade
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com