Electronic Components Datasheet Search
  English  ▼

X  

MT9042AP Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT9042AP
Description  Global Digital Trunk Synchronizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9042AP Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT9042AP Datasheet HTML 1Page - Mitel Networks Corporation MT9042AP Datasheet HTML 2Page - Mitel Networks Corporation MT9042AP Datasheet HTML 3Page - Mitel Networks Corporation MT9042AP Datasheet HTML 4Page - Mitel Networks Corporation MT9042AP Datasheet HTML 5Page - Mitel Networks Corporation MT9042AP Datasheet HTML 6Page - Mitel Networks Corporation MT9042AP Datasheet HTML 7Page - Mitel Networks Corporation MT9042AP Datasheet HTML 8Page - Mitel Networks Corporation MT9042AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3-97
®
Figure 1 - Functional Block Diagram
Automatic State
Machine
TIE
MUX
MS1
MS2
GTo
GTi
FSEL1
FSEL2
PRI
SEC
RST
RSEL
LOSS1
LOSS2
VDD
VSS
TRST
C3
C1.5
C2
C4
C8
C16
F0o
FP8-STB
FP8-GCI
PLL
Interface
Reference
Select
Divider
Corrector
Circuit
MCLKo
MCLKi
Features
•
Provides T1 and E1 clocks, and ST-BUS/GCI
framing signals locked to an input reference of
either 8 kHz (frame pulse), 1.544 MHz (T1), or
2.048 MHz (E1)
•
Meets AT & T TR62411 and ETSI ETS 300 011
specifications for a 1.544 MHz (T1), or
2.048 MHz (E1) input reference
•
Provides Time Interval Error (TIE) correction to
suppress input reference rearrangement
transients
•
Typical unfiltered intrinsic output jitter is
0.013 UI peak-to-peak
•
Jitter attenuation of 15 dB @ 10 Hz,
34 dB @ 100 Hz and 50 dB @ 5 to 40 kHz
•
Low power CMOS technology
Applications
•
Synchronization and timing control for T1 and
E1 digital transmission links
•
ST-BUS clock and frame pulse sources
•
Primary Trunk Rate Converters
Description
The MT9042 is a digital phase-locked loop (PLL)
designed to provide timing and synchronization
signals for T1 and E1 primary rate transmission links
that
are
compatible
with
ST-BUS/GCI
frame
alignment timing requirements. The PLL outputs can
be synchronized to either a 2.048 MHz, 1.544 MHz,
or 8 kHz reference. The T1 and E1 outputs are fully
compliant with AT & T TR62411 (ACCUNET® T1.5)
and ETSI ETS 300 011 intrinsic jitter and jitter
transfer
specifications,
respectively,
when
synchronized to primary reference input clock rates
of either 1.544 MHz or 2.048 MHz.
The PLL also provides additional high speed output
clocks at rates of 3.088 MHz, 4.096 MHz, 8.192
MHz, and 16.384 MHz for backplane synchro-
nization.
Ordering Information
MT9042AP
28 Pin PLCC
-40°C to +85°C
ISSUE 1
June 1994
MT9042
Global Digital Trunk Synchronizer
Preliminary Information


Similar Part No. - MT9042AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9042C MITEL-MT9042C Datasheet
113Kb / 28P
Multitrunk System Synchronizer
MT9042CP MITEL-MT9042CP Datasheet
113Kb / 28P
Multitrunk System Synchronizer
More results

Similar Description - MT9042AP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3845 STMICROELECTRONICS-L3845 Datasheet
57Kb / 7P
TRUNK INTERFACE
Jun-1996
logo
Mitel Networks Corporat...
MT8940-1 MITEL-MT8940-1 Datasheet
132Kb / 19P
ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
MT8940 MITEL-MT8940 Datasheet
299Kb / 16P
ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
MT8941 MITEL-MT8941 Datasheet
246Kb / 18P
CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT8941B MITEL-MT8941B Datasheet
131Kb / 22P
CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
MT9042C MITEL-MT9042C Datasheet
113Kb / 28P
Multitrunk System Synchronizer
MT8940AC MITEL-MT8940AC Datasheet
204Kb / 16P
T1/CEPT Digital Trunk PLL
logo
Zarlink Semiconductor I...
MT9040 ZARLINK-MT9040 Datasheet
424Kb / 27P
T1/E1 Synchronizer
MT8941 ZARLINK-MT8941 Datasheet
491Kb / 27P
Advanced T1/CEPT Digital Trunk PLL
logo
List of Unclassifed Man...
D32124000 ETC2-D32124000 Datasheet
79Kb / 2P
Synchronizer Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com