Electronic Components Datasheet Search
  English  ▼

X  

MT9075AL Datasheet(PDF) 30 Page - Mitel Networks Corporation

Part # MT9075AL
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AL Datasheet(HTML) 30 Page - Mitel Networks Corporation

Back Button MT9075AL Datasheet HTML 26Page - Mitel Networks Corporation MT9075AL Datasheet HTML 27Page - Mitel Networks Corporation MT9075AL Datasheet HTML 28Page - Mitel Networks Corporation MT9075AL Datasheet HTML 29Page - Mitel Networks Corporation MT9075AL Datasheet HTML 30Page - Mitel Networks Corporation MT9075AL Datasheet HTML 31Page - Mitel Networks Corporation MT9075AL Datasheet HTML 32Page - Mitel Networks Corporation MT9075AL Datasheet HTML 33Page - Mitel Networks Corporation MT9075AL Datasheet HTML 34Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
MT9075A
Preliminary Information
4-158
Table 13 - Multiframe National Bit Buffer and DL
Selection Word (Page 01H, Address 10H)
Bit
Name
Functional Description
7
ASEL
AIS Select. This bit selects the
criteria on which the detection of a
valid Alarm Indication Signal (AIS)
is based. If zero, the criteria is less
than three zeros in a two frame
period (512 bits). If one, the criteria
is less than three zeros in each of
two
consecutive
double-frame
periods (512 bits per double-frame).
6
MFSEL
Multiframe
Select.
This
bit
determines
which
receive
multiframe
signal
(CRC-4
or
signalling) the RxMF (pin 42 in
PLCC, 23 in MQFP) signal is
aligned with. If zero, RxMF is
aligned with the receive signalling
multiframe. If one, RxMF is aligned
with the receive CRC-4 multiframe.
5
NBTB
National Bit Transmit Buffer. If
one,
the
transmit
NFAS
signal
originates from the transmit national
bit buffer; if zero, the transmit NFAS
signal originates from the TNU4-8
bits of page 01H, address 12H.
4 - 0 Sa4 - Sa8 A one selects the corresponding Sa
bits of the NFA signal for 4, 8, 12,
16
or
20
kbits/sec.
data
link
channel. Data link (DL) selection will
function in termination mode only; in
transmit transparent mode Sa4 is
automatically
selected
-
see
TxTRSP control bit of page 01H,
address
11H.
If
zero,
the
corresponding bits of transmit non-
frame
alignment
signal
are
programmed
by
the
Non-Frame
Alignment
Control
Word
(page
01H, address 12H).
Bit
Name
Functional Description
7
TIU0
Transmit International Use Zero.
When CRC-4 operation is disabled
(CSYN=1), this bit is transmit on
the PCM 30 2048 kbit/sec. link in
bit position one of time-slot zero of
frame-alignment
frames.
It
is
reserved for international use and
should normally be kept at one. If
CRC
processing
is
used,
i.e.,
CSYN =0, this bit is ignored.
6
CRCM
CRC-4
Modification.
If
one,
activates the CRC-4 remainder
modification
function
when
the
device is in transparent mode. The
received
CRC-4
remainder
is
modified to reflect only the changes
in the transmit DL. If zero, time slot
zero data from DSTi will not be
modified in transparent mode.
5
RST
Reset. When this bit is changed
from zero to one the device will
reset to its default mode. See the
Reset Operation section for the
default settings.
4
---
Unused.
Set
high
for
normal
operation.
3
AUTY
Automatic
Y-Bit
Operation.
If
zero, the Y-bit of the transmit
multiframe alignment signal will
report the multiframe alignment
status to the far end i.e., zero -
multiframe alignment acquired, one
- lost. If one, the Y-bit is under the
manual control of the Transmit
Multiframe
Alignment
Control
Word.
2
TxTRSP
Transmit Transparent Mode. If
one, the MT9075A is in transmit
transparent mode. No framing or
signaling is imposed on the data
transmit from DSTi onto the line. If
zero, it is in termination mode.
Table 14 - Mode Selection Control Word
(Page 01H, Address 11H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com