Electronic Components Datasheet Search
  English  ▼

X  

MT9075AL Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT9075AL
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AL Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT9075AL Datasheet HTML 2Page - Mitel Networks Corporation MT9075AL Datasheet HTML 3Page - Mitel Networks Corporation MT9075AL Datasheet HTML 4Page - Mitel Networks Corporation MT9075AL Datasheet HTML 5Page - Mitel Networks Corporation MT9075AL Datasheet HTML 6Page - Mitel Networks Corporation MT9075AL Datasheet HTML 7Page - Mitel Networks Corporation MT9075AL Datasheet HTML 8Page - Mitel Networks Corporation MT9075AL Datasheet HTML 9Page - Mitel Networks Corporation MT9075AL Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
MT9075A
Preliminary Information
4-134
64
61
TxDLCLK Transmit Data Link Clock (Output). A gapped clock signal derived from a gated 2.048
Mbit/s clock for transmit data link at 4, 8, 12, 16 or 20 kHz. The transmit data link data
(TxDL) is clocked in on the rising edge of TxDLCLK. TxDLCLK can also be used to clock
DL data out of an external serial controller.
65
62
TxDL
Transmit Data Link (Input). An input serial stream of transmit data link data at 4, 8, 12,
16 or 20 kbit/s composed of 488ns-wide bit cells which are multiplexed into selected
national bits of the PCM 30 transmit signal.
66
63
BL/FR
BusorLine/Freerun (Input). If this pin is set to high, the MT9075A is in the System Bus
or Line Synchronous mode depending on the BS/LS pin. If low, the MT9075A is in the
free run mode.
67
64
VDD
Positive Power Supply (Input). Digital supply (+5V
± 5%).
68
65
VSS
Negative Power Supply (Input). Digital ground.
1-7,
25-31,
49-56,
75-82,
100
NC
No Connection. Leave open for normal operation.
Pin Description (continued)
Pin #
Name
Description
PLCC MQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com