| Electronic Components Datasheet Search |
|
MT9075AL Datasheet(PDF) 55 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
MT9075AL Datasheet(HTML) 55 Page - Mitel Networks Corporation |
|
55 / 78 page ![]() Preliminary Information MT9075A 4-183 Bit Name Functional Description 7 - 2 --- Unused 1 - 0 LEC9 - LEC8 Latched E bit error counter (the most significant two bits). These bits are sampled every second by the internal one second timer. Table 71 - Latched E-bit Error Counter (Page 09H, Address 10H) Bit Name Functional Description 7 - 0 LEC7 - LEC0 Latched E Bit Error Counter (the least significant eight bits). These bits are sampled every second by the internal one second timer. Table 72 - Latched E-bit Error Counter (Page 09H, Address 11H) Bit Name Functional Description 7 - 0 LEFAS7 - LEFAS0 Latched Errored FAS Counter. An 8 bit counter that is incremented once for every receive frame alignment signal that contains one or more errors. These bits are sampled every second by the internal one second timer. Table 73 - Latched Errored Frame Alignment Signal Counter (Page 09H, Address 12H) Bit Name Functional Description 7 - 0 LBPV15 - LBPV8 Latched BPV Counter (most significant 8 bits). The BPV counter is incremented once for every bipolar violation error received. These bits are sampled every second by the internal one second timer. Table 74 - Most Significant Bits of the Latched BPV Counter (Page 09H, Address 13H) Bit Name Functional Description 7 - 0 LBPV7 - LBPV0 Latched BPV Counter (least significant 8 bits). The least significant eight bits of a 16 bit counter that is incremented once for every bipolar violation error received. These bits are sampled every second by the internal one second timer. Table 75 - Least Significant Bits of the Latched BPV Counter (Page 09H, Address 14H) Bit Name Functional Description 7 - 2 --- Unused 1 - 0 LCC9 - LCC8 Latched CRC-4 Error Counter (Bits 9 & 8). These are the most significant two bits of the CRC-4 error counter. These bits are sampled every second by the internal one second timer. Table 76 - Latched CRC-4 Error Counter (Page 09H, Address 15H) Bit Name Functional Description 7 - 0 LCC7 - LCC0 Latched CRC-4 Error Counter (Bits 7-0). These are the least significant eight bits of the CRC-4 error counter. These bits are sampled every second by the internal one second timer. Table 77 - Latched CRC-4 Error Counter (Page 09H, Address 16H) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |