Electronic Components Datasheet Search
  English  ▼

X  

MT9075AL Datasheet(PDF) 68 Page - Mitel Networks Corporation

Part # MT9075AL
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AL Datasheet(HTML) 68 Page - Mitel Networks Corporation

Back Button MT9075AL Datasheet HTML 64Page - Mitel Networks Corporation MT9075AL Datasheet HTML 65Page - Mitel Networks Corporation MT9075AL Datasheet HTML 66Page - Mitel Networks Corporation MT9075AL Datasheet HTML 67Page - Mitel Networks Corporation MT9075AL Datasheet HTML 68Page - Mitel Networks Corporation MT9075AL Datasheet HTML 69Page - Mitel Networks Corporation MT9075AL Datasheet HTML 70Page - Mitel Networks Corporation MT9075AL Datasheet HTML 71Page - Mitel Networks Corporation MT9075AL Datasheet HTML 72Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
MT9075A
Preliminary Information
4-196
AC Electrical Characteristics† - Intel Microprocessor Timing
† Characteristics are for clocked operation over the ranges of recommended operating temperature and supply voltage
‡Typical figures are at 25˚C and are for design aid only: not guaranteed and not subject to production testing.
* This cycle time is for all accesses other than HDLC FIFOs. For HDLC FIFO accesses, a minimum 100ns wait state is required between
successive Read/Write operations.
Figure 12 - Intel Microprocessor Timing
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
RD low
tRDL
60
ns
2
RD High
tRDH
50
ns
3
CS Setup
tCSS
0ns
4
CS Hold
tCSH
0ns
5
Address Setup
tADS
10
ns
6
Address Hold
tADH
15
ns
7
Data Delay Read
tDDR
80
ns
CL=50pF, RL=1kΩ.
8
Data Active to High Z Delay
tDAZ
80
ns
9
Data Setup Write
tDSW
10
ns
10
Data Hold Write
tDHW
10
ns
11
Cycle Time*
tCYC
110
RD
CS
WR
A0-A4
D0-D7
READ
D0-D7
WRITE
tCSS
tADS
tCSH
tCSH
tADH
VALID DATA
tDSW
tDDR
tDHW
VALID DATA
tRDL
tDAZ
tADH
tCYC
VTT
VTT
VTT
VTT
VTT,VCT
VTT
tRDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com